Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5755 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RF5755
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5755 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RF5755 Datasheet HTML 7Page - RF Micro Devices RF5755 Datasheet HTML 8Page - RF Micro Devices RF5755 Datasheet HTML 9Page - RF Micro Devices RF5755 Datasheet HTML 10Page - RF Micro Devices RF5755 Datasheet HTML 11Page - RF Micro Devices RF5755 Datasheet HTML 12Page - RF Micro Devices RF5755 Datasheet HTML 13Page - RF Micro Devices RF5755 Datasheet HTML 14Page - RF Micro Devices RF5755 Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15 of 15
RF5755
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5755 Receiver Performance Graphs
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0
5
2
0
5
4
2
0
0
4
2
NF (dB)
FREQUENCY (MHz)
RF5755: WiFi RECEIVER NOISE FIGURE
(LNA VDD=3.3v; C_RX=3.3v)
-30C
+25C
+70C
10
12.5
15
17.5
20
22.5
25
0
0
5
2
0
5
4
2
0
0
4
2
GAIN
(dB)
FREQUENCY (MHz)
RF5755: WiFi RECEIVER GAIN
(LNA VDD=3.3v; C_RX=3.3v)
-10C
+25C
+70C
5
7.5
10
12.5
15
17.5
20
0
0
5
2
0
5
4
2
0
0
4
2
CURRENT
(mA)
FREQUENCY (MHz)
RF5755: WiFi RECEIVER OPERATING CURRENT
(LNA Vdd=3.3v; C_RX=3.3v)
-10C
+25C
+70C
WiFi
WiFi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com