Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF6519 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6519
Description  3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6519 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6519 Datasheet HTML 1Page - RF Micro Devices RF6519 Datasheet HTML 2Page - RF Micro Devices RF6519 Datasheet HTML 3Page - RF Micro Devices RF6519 Datasheet HTML 4Page - RF Micro Devices RF6519 Datasheet HTML 5Page - RF Micro Devices RF6519 Datasheet HTML 6Page - RF Micro Devices RF6519 Datasheet HTML 7Page - RF Micro Devices RF6519 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF6519
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5
V
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Human Body Model RF Pins
500
V
ESD Human Body Model All Other
Pins
500
V
ESD Charge Device Model All Pins
500
V
Moisture Sensitivity Level
MSL 3
Maximum Input Power to PA and
LNA (no damage)
+5
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Amplifier
PA_VCC = 4.2V, TXRX_SEL Logic = LOW, Pin =
0dBm at Pin 27
Frequency Range
868
902 to 928
MHz
Operating Output Power
26
dBm
CW Output Power
25
27
dBm
Near Saturation
Gain
27
30
35
dB
Output Harmonic Levels
2nd
-20
dBc
3rd
-50
dBc
4th through 10th
-60
dBc
Input Return Loss
10
dB
Ruggedness
6:1
All phase angles, no damage
Power Supply Voltage
3.3
4.2
5.0
V
Current
Operating
275
380
mA
Power Down Current
0.5
5
uA
PD_SEL Logic = 0.0V
Low Noise Amplifier
Frequency Range
868
902 to 928
MHz
Power Supply Voltage
4
4.2
5
V
LNA_VCC
Power Down Current
0.1
1
uA
LNA_VCC = 5V, PD_SEL = LOW
High Gain Mode
LNA_VCC = 4.2V, TXRX_SEL Logic = HIGH,
LNA_SEL Logic = HIGH
Gain
15
17
22
dB
LNA-IN Port at Pin 10 to ISW-COM Port at Pin 2
Noise Figure
1.5
2
dB
Input IP3
5
8
dBm
Input Return Loss
8
10
dB
Measured at LNA-IN Port at Pin 10
Output Return Loss
8
10
dB
Measured at ISW-COM Port at Pin 2
Operating Current
8
10
11
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com