Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF6519 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6519
Description  3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6519 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6519 Datasheet HTML 1Page - RF Micro Devices RF6519 Datasheet HTML 2Page - RF Micro Devices RF6519 Datasheet HTML 3Page - RF Micro Devices RF6519 Datasheet HTML 4Page - RF Micro Devices RF6519 Datasheet HTML 5Page - RF Micro Devices RF6519 Datasheet HTML 6Page - RF Micro Devices RF6519 Datasheet HTML 7Page - RF Micro Devices RF6519 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
1
2
3
4
5
6
7
8
9
ISW_COM
GND
ANT1
ANT2
PD_SEL
ANT_SEL
TXRX_SEL
VCC_DIG
GND
N/C
LNA_SEL
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
GND
GND
GND
GND
GND
RF6519
3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE
MODULE
This module is intended for 915MHz AMR solutions. It provides a single TDD access
for Rx and Tx paths and two ports on the output for connecting a diversity solution
or a test port. The PA section provides a nominal 27dBm to any internal filtering
before the ANT switch. The LNA section provides a nominal 17dB gain and 1.5dB
noise figure, along with a bypass mode. The device is provided in a 5.5mm x
5.0mm, 28-pin package.
Features
Tx Output Power: 26dBm
50
 Bi-directional Transceiver
Interface
Rx Noise Figure: 1.5dB
Antenna Diversity Switch
LNA By-Pass Mode With Low
Insertion Loss
Applications
Wireless Automated Metering
Wireless Alarm Systems
Portable Battery Powered
Equipment
Wireless Automatic Metering
Applications
868MHz/900MHz ISM Band
Application
Single Chip RF Front End Module
DS120611
Package: LGA, 28-Pin, 5.5mm x 5.0mm
RF65193.3V
to 5.0V,
915MHz
Trans-
mit/Receive
Module
RF6519
ISM Band Transmit/Receive Module with Diversity Antenna
Switch
RF6519SB
5-Piece Bag
RF6519SR
Standard 100-Piece Reel
RF6519TR13
Standard 2500-Piece reel
RF6519PCK-410 Fully Assembled Evaluation Board and 5-Piece Bag


Similar Part No. - RF6519

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514PCK-410 RFMD-RF6514PCK-410 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514SR RFMD-RF6514SR Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514TR7 RFMD-RF6514TR7 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6515 RFMD-RF6515 Datasheet
1Mb / 11P
3.3V, 2.4GHz FRONT-END MODULE
More results

Similar Description - RF6519

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com