Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF6575 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF6575
Description  3.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6575 Datasheet(HTML) 8 Page - RF Micro Devices

  RF6575 Datasheet HTML 1Page - RF Micro Devices RF6575 Datasheet HTML 2Page - RF Micro Devices RF6575 Datasheet HTML 3Page - RF Micro Devices RF6575 Datasheet HTML 4Page - RF Micro Devices RF6575 Datasheet HTML 5Page - RF Micro Devices RF6575 Datasheet HTML 6Page - RF Micro Devices RF6575 Datasheet HTML 7Page - RF Micro Devices RF6575 Datasheet HTML 8Page - RF Micro Devices RF6575 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RF6575
DS111216
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
.
-35
-30
-25
-20
-15
-10
-5
0
5
10
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Input Power versus Output Power
VCC = 3.3V; TX_EN = 3.0V
2400 MHz
2441.5 MHz
2483 MHz
-35
-30
-25
-20
-15
-10
-5
0
5
10
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Input Power versus Output Power
(Over Temperature at 2441.5 MHz)
VCC = 3.3V; TX_EN = 3.0V
-40 °C
25 °C
85 °C
12
17
22
27
32
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Gain versus Output Power
VCC = 3.3V; TX_EN =3.0V
2400 MHz
2441.5 MHz
2483 MHz
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Gain versus Output Power
(Over Temperature at 2441.5 MHz)
VCC = 3.3V; TX_EN = 3.0V
-40 °C
25 °C
85 °C
0
0.05
0.1
0.15
0.2
0.25
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Operating Current versus Output Power
VCC = 3.3V; TX_EN = 3.0V
2400 MHz
2441.5 MHz
2483 MHz
0
0.05
0.1
0.15
0.2
0.25
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Operating Current versus Output Power
(Over Temperature at 2441.5 MHz)
VCC = 3.3V; TX_EN = 3.0V
-40 °C
25 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com