Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF6575 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6575
Description  3.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6575 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6575 Datasheet HTML 1Page - RF Micro Devices RF6575 Datasheet HTML 2Page - RF Micro Devices RF6575 Datasheet HTML 3Page - RF Micro Devices RF6575 Datasheet HTML 4Page - RF Micro Devices RF6575 Datasheet HTML 5Page - RF Micro Devices RF6575 Datasheet HTML 6Page - RF Micro Devices RF6575 Datasheet HTML 7Page - RF Micro Devices RF6575 Datasheet HTML 8Page - RF Micro Devices RF6575 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RF_COM
GND
ANT2
GND
TX_EN
VBAT
GND
GND
ANT1
16
17
19
20
2
1
4
7
8
9
10
12
13
15
18
5
6
11
3
14
GND
RF6575
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
The RF6575 integrates a complete solution in a single Front End Module (FEM) for
WiFi and ZigBee® applications in the 2.4GHz to 2.5GHz band. This FEM integrates
the PA plus harmonic filter in the transmit path. The RF6575 has an integrated LNA.
Also, the RF6575 provides a single balanced TDD access for RX and TX paths along
with two ports on the output for connecting a diversity solution or a test port. The
device is provided in a 3.5mm x 3.5mm x 0.5, 20-pin QFN package.
Features
TX Output Power = 22dBm
Integrated RF Front End
Module with TX/RX switch,
PA, filter, LNA, and DP2T
switch.
50
 single-ended
bidirectional Transceiver
interface.
Applications
ZigBee® 802.15.4 Based
Systems for Remote
Monitoring and Control
WiFi 802.11b/g
2.4GHz ISM band
applications
Smart Meters for Energy
Management
RF6575
3.3V Front End Module for AMR systems in the 2.4GHz to
2.5GHz Band
RF6575SQ
Standard 25 piece bag
RF6575SR
Standard 100 piece reel
RF6575TR13
Standard 2500 piece reel
RF6575PCK-410
Fully assembled evaluation board and 5 loose pieces
DS111216
Package Style: QFN, 20-Pin, 3.5mmx3.5mmx0.5mm


Similar Part No. - RF6575

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF65 ETC2-RF65 Datasheet
2Mb / 72P
Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-868 RFSOLUTIONS-RF650-868 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-EVAL RFSOLUTIONS-RF650-EVAL Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF6575

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6555 RFMD-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM4591 QORVO-RFFM4591 Datasheet
574Kb / 8P
3.0V TO TO 3.6V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com