Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFFM4503 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4503
Description  4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4503 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4503 Datasheet HTML 1Page - RF Micro Devices RFFM4503 Datasheet HTML 2Page - RF Micro Devices RFFM4503 Datasheet HTML 3Page - RF Micro Devices RFFM4503 Datasheet HTML 4Page - RF Micro Devices RFFM4503 Datasheet HTML 5Page - RF Micro Devices RFFM4503 Datasheet HTML 6Page - RF Micro Devices RFFM4503 Datasheet HTML 7Page - RF Micro Devices RFFM4503 Datasheet HTML 8Page - RF Micro Devices RFFM4503 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Revision DS20150520
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
2 of 9
RFFM4503
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
-0.5 to +5.5
VDC
PA Enable Voltage
-0.5 to 5
VDC
Operating Temperature Range
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power into 50Ω Load for 802.11a/n/ac (No Damage)
+5
dBm
Moisture Sensitivity
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Parameter
Operating Frequency
5.150
5.850
GHz
Extended Frequency
4.900
5.150
GHz
Functional with reduced performance
Operating Temperature Range
-40
+85
ºC
Power Supply VCC
3.0
3.3
4.2
V
Control Voltage-High
2.8
3.1
VCC
V
For PA_EN, LNA_EN, CRX control lines
Control Voltage-Low
0
0.2
V
Package Size
2.9 x 2.9
x 0.9
3.0 x 3.0
x 0.975
3.1 x 3.1 x
1.05
mm
Length x Width x Height
Transmit (TX-ANT)
VCC = 3.3V, T = +25ºC
f = 5.15GHz - 5.85 GHz
PA_EN = High, LNA_EN = Low, CRX = Low
Unless otherwise noted
802.11ac MCS9 HT80 Output Power
16.5
17.5
dBm
T = 25ºC, VCC = 3.3V, 5.15GHz – 5.85GHz
802.11ac MCS9
Dynamic EVM Compliance
1.5
1.8
%
-36.5
-35.0
dB
802.11ac MCS7 HT20 Output Power
18.0
19.0
dBm
T = 25ºC, VCC = 3.3V, 5.15GHz – 5.85GHz
802.11ac MCS7
Dynamic EVM Compliance
2.5
3.0
%
-32.0
-30.5
dB
802.11ac MCS0 Output Power
Spectral Mask Compliance
21.0
dBm
T = 25ºC, VCC = 3.3V, HT20
20.0
dBm
T = 25ºC, VCC = 3.3V, HT40, HT80
Large Signal Gain
27.5
29.5
dB
T = 25ºC, VCC = 3.3V
25.0
26.5
dB
T = 85ºC, VCC = 3.3V
Gain Flatness Over Full Frequency band
-1.5
1.5
dB
T = 25ºC, VCC = 3.3V
TX Port Return Loss
9
15
dB
ANT Port Return Loss
15
20
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com