Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFFM4503 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM4503
Description  4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4503 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM4503 Datasheet HTML 1Page - RF Micro Devices RFFM4503 Datasheet HTML 2Page - RF Micro Devices RFFM4503 Datasheet HTML 3Page - RF Micro Devices RFFM4503 Datasheet HTML 4Page - RF Micro Devices RFFM4503 Datasheet HTML 5Page - RF Micro Devices RFFM4503 Datasheet HTML 6Page - RF Micro Devices RFFM4503 Datasheet HTML 7Page - RF Micro Devices RFFM4503 Datasheet HTML 8Page - RF Micro Devices RFFM4503 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Revision DS20150520
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
1 of 9
RFMD + TriQuint = Qorvo
RFFM4503
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi
Front End Module
The RFFM4503 provides a complete integrated solution in a single
front end module (FEM) for Wi-Fi 802.11a/n/ac systems. The ultra-
small factor and integrated matching minimizes layout area in the
customer’s application and greatly reduces the number of external
components. Performance is focused on linear output power under a
number of conditions including duty cycle and packet length while
balancing power consumption needs of leading edge device
platforms. This simplifies the total front end solution by reducing the
bill of materials, system footprint, and manufacturing cost.
The RFFM4503 integrates a 5GHz power amplifier (PA), single pole
two throw switch (SP2T) and an LNA with bypass. The device is
provided in a 3.0mm x 3.0mm x 1.0mm, 16-pin laminate package.
This module meets or exceeds the RF front end needs of IEEE
802.11a/n/ac Wi-Fi RF systems.
1
RX
GND
GND
VDD
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VCC
CRX
GND
ANT
GND
VCC
NC
TX
NC
PA_EN
PDET
LNA_EN
Functional Block Diagram
Ordering Information
RFFM4503SB
Standard 5-piece sample bag
RFFM4503SQ
Standard 25-piece sample bag
RFFM4503SR
Standard 100-piece reel
RFFM4503TR7
Standard 2500-piece reel
RFFM4503PCK-410
Fully assemble evaluation board w/ 5-piece bag
Package: Laminate, 16-pin,
3.0mm x 3.0mm x 1.0mm
Features
■ 3.3V – 4.2V Operation
■ P
OUT = +18.0dBm at 3.3V,
802.11ac MCS9 HT80 at 1.8%
Dynamic EVM Compliance
■ P
OUT = +20.0dBm at 3.3V, MCS0
HT20, HT40, and HT80 at Spectral
Mask Compliance
■ P
OUT = +20.0dBm at 4.2V,
802.11ac MCS9 HT80 at 1.8%
Dynamic EVM Compliance
■ P
OUT = +22.0dBm at 4.2V, MCS0
HT20, HT40, and HT80 at Spectral
Mask Compliance
■ High performance FEM in Small
Package
■ Input and Output Matched to 50Ω
Integrated 5GHz PA, SP2T, LNA
with Bypass and Power Detector
Coupler
Applications
■ Customer Premise Equipment
■ Set-Top Boxes
■ Netbooks/Notebooks
■ Mobile Routers/Access Points
■ Data Cards
■ TV/Monitors/Video
RFFM4503


Similar Part No. - RFFM4503

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4503 QORVO-RFFM4503 Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4503PCK-410 QORVO-RFFM4503PCK-410 Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4503SB QORVO-RFFM4503SB Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4503SQ QORVO-RFFM4503SQ Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4503SR QORVO-RFFM4503SR Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
More results

Similar Description - RFFM4503

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4551 RFMD-RFFM4551 Datasheet
338Kb / 10P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4503 QORVO-RFFM4503 Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com