Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZTX751STZ Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZTX751STZ
Description  60V PNP MEDIUM POWER TRANSISTOR IN E-LINE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX751STZ Datasheet(HTML) 6 Page - Diodes Incorporated

  ZTX751STZ Datasheet HTML 1Page - Diodes Incorporated ZTX751STZ Datasheet HTML 2Page - Diodes Incorporated ZTX751STZ Datasheet HTML 3Page - Diodes Incorporated ZTX751STZ Datasheet HTML 4Page - Diodes Incorporated ZTX751STZ Datasheet HTML 5Page - Diodes Incorporated ZTX751STZ Datasheet HTML 6Page - Diodes Incorporated ZTX751STZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZTX751
Document number: DS36459 Rev. 3 - 2
6 of 7
www.diodes.com
July 2013
© Diodes Incorporated
ZTX751
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
E-Line
Dim
Min
Max
Typ
A
2.16
2.41
b
0.41
0.495
b1
0.41
0.495
D
4.37
4.77
E
3.61
4.01
e
1.27
e2
2.54
F
2.50
L
13.00 13.97
L1
2.50
3.50
All Dimensions in mm
b 1
R 1 . 1 4
. 0 4 5
T A P E D P R O D U C T
E
L
D
e 2
e 2
E
L
F
D
e
e
E j e c t i o n
M a r k
b
L O O S E P R O D U C T
S e a t i n g
P l a n e
 
A
L 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com