Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZTX751STZ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZTX751STZ
Description  60V PNP MEDIUM POWER TRANSISTOR IN E-LINE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX751STZ Datasheet(HTML) 4 Page - Diodes Incorporated

  ZTX751STZ Datasheet HTML 1Page - Diodes Incorporated ZTX751STZ Datasheet HTML 2Page - Diodes Incorporated ZTX751STZ Datasheet HTML 3Page - Diodes Incorporated ZTX751STZ Datasheet HTML 4Page - Diodes Incorporated ZTX751STZ Datasheet HTML 5Page - Diodes Incorporated ZTX751STZ Datasheet HTML 6Page - Diodes Incorporated ZTX751STZ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZTX751
Document number: DS36459 Rev. 3 - 2
4 of 7
www.diodes.com
July 2013
© Diodes Incorporated
ZTX751
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-80
—
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-60
—
—
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
—
—
V
IE = -100µA
Collector Cut-off Current
ICBO
—
—
-0.1
-10
µA
µA
VCB = -60V
VCB = -60V,Tamb = +100°C
Emitter Cut-off Current
IEBO
—
—
-0.1
µA
VEB = -6V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
—
-150
-280
-300
-500
mV
IC = -1A, IB = -100mA
IC =-2A, IB = -200mA
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
—
-0.9
-1.25
V
IC = -1A, IB = -100mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
—
-0.8
-1
V
IC = -1A, VCE = -2V
DC Current Gain (Note 10)
hFE
70
100
80
40
200
200
170
80
—
300
—
—
—
IC = -50mA, VCE = -2V
IC = -500mA, VCE = -2V
IC = -1A, VCE = -2V
IC = -2A, VCE = -2V
Current Gain-Bandwidth Product (Note 10)
fT
100
140
—
MHz
VCE = -5V, IC = -100mA
f = 100MHz
Output Capacitance (Note 10)
Cobo
—
—
30
pF
VCB = -10V. f = 1MHz
Turn-On Times
ton
—
40
—
ns
IC = -500mA, IB1 = IB2 = -50mA,
VCC = -10V
Turn-Off Times
toff
—
450
—
ns
Note:
10. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle
≤2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com