Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW2040 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW2040
Description  GaAs DPDT Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW2040 Datasheet(HTML) 1 Page - Tyco Electronics

  MASW2040 Datasheet HTML 1Page - Tyco Electronics MASW2040 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs DPDT Switch
DC - 2 GHz
MASW2040
Guaranteed Specifications** -55°C to +85°C
Frequency Range
DC – 2.0 GHz
Insertion Loss
DC – 0.5 GHz
0.4 dB Max
DC – 1.0 GHz
0.4 dB Max
DC – 2.0 GHz
0.6 dB Max
VSWR
DC – 0.5 GHz
1.1:1 Max
DC – 1.0 GHz
1.2:1 Max
DC – 2.0 GHz
1.2:1 Max
Isolation
DC – 0.5 GHz
25 dB Min
DC – 1.0 GHz
20 dB Min
DC – 2.0 GHz
15 dB Min
Operating Characteristics
Impedance
50
Ω Nominal
Switching Characteristics
tRISE, tFALL (10/90% or 90/10% RF)
3 ns Typ
tON, tOFF (50% CTL to 90/10% RF)
6 ns Typ
Transients (In-Band)
20 mV Typ
Input Power for 1dB Compression
Control Voltages (Vdc)
0/–5
0/–8
0.05 GHz
+24 dBm
+25 dBm Typ
0.5 - 2 GHz
+30 dBm
+33 dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
0.05 GHz
+62
+39 dBm Typ
0.5 - 2 GHz
+68 dBm
+46 dBm Typ
Control Voltages (Complementary Logic)
VINLow
0 to –0.2V @ 9 µA Max
VINHi
–5V @ 25 µA Typ to –8V @ 75 µA Max
Die Size
0.045" x 0.038" x 0.010"
(1.13mm x 0.97mm x 0.25mm)
**All specifications apply with 50
Ω impedance connected to all RF
ports, 0 and –5 Vdc control voltages.
*** Loss change 0.0025dB/°C (-55°C to +85°C)
q
Cascadable
q
Low Insertion Loss
q
Low DC Power Consumption
q
Low Distortion Operation (Quiet Mode)
q
Useful as a Building Block for
– Digital Attenuators
– Digital Delay Lines
– Digital Phase Shifters
– Digital Switched Filter Elements
Typical Performance @ +25°C
Schematic
V 2.00


Similar Part No. - MASW2040

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
GaAs DPDT Switch
More results

Similar Description - MASW2040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-289 MACOM-SW-289 Datasheet
108Kb / 2P
GaAs DPDT Switch DC - 2 GHz
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS420 HW-HWS420 Datasheet
74Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS499_V3 HW-HWS499_V3_15 Datasheet
60Kb / 2P
GaAs DC-4 GHz DPDT Switch
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com