Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW2040 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASW2040
Description  GaAs DPDT Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW2040 Datasheet(HTML) 2 Page - Tyco Electronics

  MASW2040 Datasheet HTML 1Page - Tyco Electronics MASW2040 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Control Inputs
Condition of Switch
A
B
RF1 - RFA1
RF1 - RFB1
RF2 - RFA2
RF2 - RFB2
V
INHI
V
INLOW
OFF
ON
OFF
ON
V
INLOW
V
INHI
ON
OFF
ON
OFF
Handling Precautions
Permanent damage to the MASW2040 may occur if the following
precautions are not adhered to:
A. Cleanliness — The MASW2040 should be handled in a clean
environment. DO NOT attempt to clean unit after the
MASW2040 is installed.
B. Static Sensitivity — All chip handling equipment and personnel
should be DC grounded.
C. Transient — Avoid instrument and power supply transients
while bias is applied to the MASW2040.Use shielded signal
and bias cables to minimize inductive pick-up.
D. Bias — Apply voltage to either control port A or B only when
the other is grounded. Neither port should be allowed to
“float”.
E. General Handling — It is recommended that the MASW2040
chip be handled along the long side of the die with a sharp
pair of bent tweezers. DO NOT touch the surface of the chip
with fingers or tweezers.
Mounting
The MASW2040 is back-metallized with Pd/Ni/Au(100/1,000/
10,000Å) metallization. It can be die-mounted with AuSn eutectic
preforms or with thermally conductive epoxy. The package sur-
face should be clean and flat before attachment.
Eutectic Die Attach:
A. A 80/20 gold/tin preform is recommended with a work surface
temperature of approximately 255°C and a tool temperature of
265°C. When hot 90/10 nitrogen/hydrogen gas is applied, tool
tip temperature should be approximately 290°C.
B. DO NOT expose the MASW2040 to a temperature greater
than 320°C for more than 20 seconds. No more than 3
seconds of scrubbing should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place the MASW2040
into position. A thin epoxy fillet should be visible around the
perimeter of the chip.
B. Cure epoxy per manufacturer’s recommended schedule.
C. Electrically conductive epoxy may be used but is not required.
Wire Bonding
A. Ball or wedge with 1.0 mil diameter pure gold wire.
Thermosonic wirebonding with a nominal stage temperature
of 150°C and a ball bonding force of 40 to 50 grams or wedge
bonding force of 18 to 22 grams is recommended. Ultrasonic
energy and time should be adjusted to the minimum levels
achieve reliable wirebonds.
B. Wirebonds should be started on the chip and terminated on
the package. GND bonds should be as short as possible; at
least three and no more than four bond wires from ground
Handling, Mounting, Bonding Procedure
MASW2040
Maximum Ratings
A. Control Value (A or B):
–8.5 Vdc
B. Max Input RF Power:
+34 dBm
(500 MHz– 4 GHz)
C. Storage Temperature:
–65°C to +175°C
D. Max Operating Temperature:
+175°C
BondPad Dimensions — Inches (mm)
RF1, RF2
0.004 x 0.008 (0.100 x 0.200)
RFA1, RFB1
0.004 x 0.005 (0.100 x 0.125)
RFA2, RFB2
0.004 x 0.005 (0.100 x 0.125)
A, B, Ac, Bc
0.004 x 0.004 (0.100 x 0.100)
Truth Table
V
INLOW = 0.0 TO -0.2V
V
INHI
= -0.5V
Die Size — Inches (mm)
0.045 x 0.038 x 0.010 (1.13 x 0.97 x 0.25)
V 2.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com