Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFVC1831 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFVC1831
Description  Multiple Frequency Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1831 Datasheet(HTML) 2 Page - RF Micro Devices

  RFVC1831 Datasheet HTML 1Page - RF Micro Devices RFVC1831 Datasheet HTML 2Page - RF Micro Devices RFVC1831 Datasheet HTML 3Page - RF Micro Devices RFVC1831 Datasheet HTML 4Page - RF Micro Devices RFVC1831 Datasheet HTML 5Page - RF Micro Devices RFVC1831 Datasheet HTML 6Page - RF Micro Devices RFVC1831 Datasheet HTML 7Page - RF Micro Devices RFVC1831 Datasheet HTML 8Page - RF Micro Devices RFVC1831 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140423
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 10
RFVC1831
Absolute Maximum Ratings
Parameter
Rating
Unit
VCC_OSC, VCC_DIG
+5.5
V
VTUNE
0 to +15
V
Junction Temperature (TJ)
135
°C
Continuous PDISS (TA = 85°C) (derate 37mW/°C above TA = 85°C)
1.65
W
Junction to Case, Thermal Resistance (Rθ(j-a))
30
°C/W
Storage Temperature
-65 to +150
°C
Operating Temperature
-40 to +85
°C
ESD Sensitivity (HBM)
Class 1A
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Electrical Specifications
VCC = 5V, TA = +25°C
Operating Frequency
Fo
7.30
8.20
GHz
Fo/2
3.65
4.10
GHz
Fo/4
1.83
2.05
GHz
Output Power
Fo
10
dBm
Fo/2
4
dBm
Fo/4
-2
dBm
SSB Phase Noise
10 kHz offset at RFOUT
-91
dBc/Hz
VTUNE = 5V
100 kHz offset at RFOUT
-115
dBc/Hz
Tune Voltage
1.5
14.5
V
Supply Voltage (Oscillator and
Divider)
5
V
Supply Current
VCC_OSC
170
mA
VCC_DIG
60
mA
Tune Port Leakage Current
µA
Output Return Loss
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com