Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFVC1831 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFVC1831
Description  Multiple Frequency Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1831 Datasheet(HTML) 1 Page - RF Micro Devices

  RFVC1831 Datasheet HTML 1Page - RF Micro Devices RFVC1831 Datasheet HTML 2Page - RF Micro Devices RFVC1831 Datasheet HTML 3Page - RF Micro Devices RFVC1831 Datasheet HTML 4Page - RF Micro Devices RFVC1831 Datasheet HTML 5Page - RF Micro Devices RFVC1831 Datasheet HTML 6Page - RF Micro Devices RFVC1831 Datasheet HTML 7Page - RF Micro Devices RFVC1831 Datasheet HTML 8Page - RF Micro Devices RFVC1831 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140423
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 10
RFVC1831
7.3GHz to 8.2GHz MMIC VCO with
Fo/2 and Fo/4 Outputs
RFMD's RFVC1831 is a 5V InGaP MMIC VCO with an integrated frequency
divider providing additional Fo/2 and Fo/4 outputs. With an Fo frequency
range of 7.3GHz to 8.2GHz its monolithic structure provides excellent
temperature, shock, and vibration performance. Output power (Fo) is
+10dBm and is flat across the tuning voltage range of 1.5V to 14.5V. Phase
noise is typically -115dBc/Hz at 100kHz offset. The device operates from a
low supply current of 230mA which can be further reduced to 170mA by
disabling the divider functions if not required. The RFVC1831 is available in
a low cost 5mm x 5mm surface mount plastic overmolded QFN outline.
Functional Block Diagram
Ordering Information
RFVC1831S2
Sample bag with 2 pieces
RFVC1831SB
Sample bag with 5 pieces
RFVC1831SQ
Bag with 25 pieces
RFVC1831SR
Bag with 100 pieces
RFVC1831TR7
7" Reel with 750 pieces
RFVC1831PCBA-410
Evaluation Board
Package: Plastic QFN, 32-pin,
5mm x 5mm x 0.85mm
Features
■
Multiple Frequency Outputs
Fo: 7.30GHz to 8.20GHz
Fo/2: 3.65GHz to 4.10GHz
Fo/4: 1.83GHz to 2.05GHz
■
No External Resonator Required
■
Integrated Frequency Divider
■
Phase Noise: -115dBc/Hz at
100kHz Offset
■
Flat Output Power Over Frequency
Tuning Range 1.5V to 14.5V
Fo: 10dBm
Fo/2: 4dBm
Fo/4: -2dBm
■
Low Power Consumption
5V/230mA (Divider On)
5V/170mA (Divider Off)
■
32-Lead 5mm x 5mm Plastic
Overmolded QFN
Applications
■
Point-to-Point Radio
■
Point-to-Multipoint Radio
■
Satellite Communications
■
Test Equipment
■
Military
■
Aerospace
RFVC1831


Similar Part No. - RFVC1831

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1832 RFMD-RFVC1832 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1832A RFMD-RFVC1832A Datasheet
739Kb / 9P
Multiple Frequency Outputs
RFVC1832B RFMD-RFVC1832B Datasheet
648Kb / 10P
Multiple Frequency Outputs
RFVC1833 RFMD-RFVC1833 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1833B RFMD-RFVC1833B Datasheet
1,019Kb / 10P
Multiple Frequency Outputs
More results

Similar Description - RFVC1831

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1832A RFMD-RFVC1832A Datasheet
739Kb / 9P
Multiple Frequency Outputs
RFVC1833B RFMD-RFVC1833B Datasheet
1,019Kb / 10P
Multiple Frequency Outputs
RFVC1835 RFMD-RFVC1835 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1836 RFMD-RFVC1836 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1838 RFMD-RFVC1838 Datasheet
603Kb / 10P
Multiple Frequency Outputs
RFVC1838A RFMD-RFVC1838A Datasheet
633Kb / 10P
Multiple Frequency Outputs
RFVC1839 RFMD-RFVC1839 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1839A RFMD-RFVC1839A Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1840 RFMD-RFVC1840 Datasheet
601Kb / 10P
Multiple Frequency Outputs
RFVC1842 RFMD-RFVC1842 Datasheet
602Kb / 10P
Multiple Frequency Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com