Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3210 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3210
Description  2.8V to Vout Range Input Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3210 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3210 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Datasheet
LP3210
LP3210 – 03 Ver. 1.3 Datasheet
FEB.-2009
Page 1 of 7
High Performance Regulated Charge Pump
General Description
The LP3210 is a high performance charge pump
DC/DC converter that produces a regulated 5V output.
No external inductor is required for operation. The
operating voltage range is 2.8V to Vout. Internal
soft-start circuitry effectively reduces the in-rush
current both while start-up and mode change.
The LP3210 features very low quiescent current, over
current protection and short circuit protection.
The LP3210 is available in SOT-23-6 package.
Order Information
LP3210 -
□ □ □
F: Pb-Free
Package Type
B6: SOT23-6
Applications
LCD Panel
Cellular and Smart mobile phone
PDA/DSC
Flash LED Driver
Features
2.8V to Vout Range Input Voltage
Soft Start Function
Built-In Short-Circuit Protection
Built-in Thermal Protection
Over Current Protection Function
IQ<1uA in Shutdown
SOT23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
LP3210
5
3
1
Vin
EN
OUT
Vin
Marking Information
Please see website.


Similar Part No. - LP3210

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3211 POWER-LP3211 Datasheet
280Kb / 6P
280mA Output current
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
1.5MHz, 1.5A Step-Down Converter
logo
Leshan Radio Company
LP3218DT1G LRC-LP3218DT1G Datasheet
502Kb / 6P
12V P-Channel Enhancement MOSFET
logo
Lowpower Semiconductor ...
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
1.5MHz, 2A Step-Down Converter
More results

Similar Description - LP3210

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
M.S. Kennedy Corporatio...
MSK5500-15 MSK-MSK5500-15 Datasheet
491Kb / 5P
Input Voltage from Vout Dropout to 40V
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
Input voltage range up to 60V
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
Up to 488VAC input voltage range
logo
Shanghai Leiditech Elec...
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
logo
Maxim Integrated Produc...
MAX9644EVKIT MAXIM-MAX9644EVKIT Datasheet
821Kb / 8P
-0.3V to 5.5V Input Voltage Range
Rev 0; 7/11
MAX25530EVKIT MAXIM-MAX25530EVKIT Datasheet
871Kb / 16P
2.8V to 5.5V Input Range for TFT Power Section
Rev 2; 3/21
MAX1708EVKIT MAXIM-MAX1708EVKIT Datasheet
124Kb / 4P
0.7V to VOUT Input Voltage Range
2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com