Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3210 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3210
Description  2.8V to Vout Range Input Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3210 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3210 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3210 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Datasheet
LP3210
LP3210 – 03 Ver. 1.3 Datasheet
FEB.-2009
Page 2 of 7
Functional Pin Description
P a ck age Ty pe
P i n C o nfi g urat i o n s
SOT23-6
PIN
NAME
DESCRIPTION
1
VOUT
Output Voltage
2
GND
Ground
3
EN
Chip Enable (Active High)
4
CN
Flying Capacitor Negative Terminal
5
VIN
Power Input Voltage
6
CP
Flying Capacitor Positive Terminal
Function Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com