Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3302S Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP3302S
Description  1.1MHz Fixed-Frequency PWM Operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3302S Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP3302S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 8Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 9Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 10Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Preliminary Datasheet
LP3302S
LP3302S –02
Version 1.2 Datasheet
Feb.-2012
www.lowpowersemi.com
Page 9 of 11
Applications Information
LED Current Control
The LP3302S regulates the LED current by setting
the current sense resistor (R2) connecting to
feedback and ground. The internal feedback
reference voltage is 0.25V. The LED current can be
set from following equation easily.
In order to have an accurate LED current, precision
resistors are preferred (1% is recommended). The
table for R2 selection is shown below.
Inductor Selection
The recommended value of inductor for 2 to 6
WLEDs applications are 2.2 to 22µH. Small size
and better efficiency are the major concerns for
portable device, such as LP3302S used for mobile
phone. The inductor should have low core loss at
1.1MHz and low DCR for better efficiency. To
avoid inductor saturation current rating should be
considered.
Dimming control
a. Using a PWM Signal to EN Pin
For controlling the LED brightness, the LP3302S
can perform the dimming control by applying a
PWM signal to EN pin. The internal soft-start and
wide range dimming frequency from 100Hz to
100KHz can insignificantly reduce audio noise
when dimming. The average LED current is
proportional to the PWM signal duty cycle. The
magnitude of the PWM signal should be higher than
the maximum enable voltage of EN pin, in order to
let the dimming control perform correctly.
b. Using a DC Voltage
Using a variable DC voltage to adjust the brightness
is a popular method in some applications. The
dimming control using a DC voltage circuit is
shown in Figure 4. According to the Superposition
Theorem, as the DC voltage increases, the voltage
contributed to VFB increases and the voltage drop
on R2 decreases, i.e. the LED current decreases. For
example, if the VDC range is from 0V to 2.8V, the
selection of resistors in Figure 4 sets dimming
control of LED current from 20mA to 0mA.
c. Using a Filtered PWM signal
Another common application is using a filtered
PWM signal as an adjustable DC voltage for LED
dimming control. A filtered PWM signal acts as the
DC voltage to regulate the output current. The
recommended application circuit is shown in the
Figure 6. In this circuit, the output ripple depends
on the frequency of PWM signal. For smaller output
voltage
ripple (<100mV), the recommended
frequency of 2.8V PWM signal should be above
2kHz. To fix the frequency of PWM signal and
change the duty cycle of PWM signal can get
different
output
current.
According
to
the
application circuit of Figure 5, output current is
from 20.5mA to 5.5mA by adjusting the PWM duty
cycle from 10% to 90%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com