Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3302S Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3302S
Description  1.1MHz Fixed-Frequency PWM Operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3302S Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3302S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 8Page - Lowpower Semiconductor inc LP3302S Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Preliminary Datasheet
LP3302S
LP3302S –02
Version 1.2 Datasheet
Feb.-2012
www.lowpowersemi.com
Page 4 of 11
Absolute Maximum Ratings
Supply Input Voltage---------------------------------------------------------------------------------------------------−0.3V to 6.5V
LX Input Voltage --------------------------------------------------------------------------------------------------------−0.3V to 36V
OVP Voltage--------------------------------------------------------------------------------------------------------------−0.3V to 28V
The Other Pins ----------------------------------------------------------------------------------------------------------−0.3V to 5.5V
Power Dissipation, PD @ TA = 25°C SOT-23-6 -------------------------------------------------------------------------0.455W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------------- 260°C
Operation Temperature Range ---------------------------------------------------------------------------------
40°C to 80°C
Storage Temperature Range -----------------------------------------------------------------------------------
65°C to 150°C
Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ.
Max
Units
System Supply Input
Operation voltage Range
VDD
2.7
6
V
Under Voltage Lock Out
VDD
2.4
V
Supply Current
IDD
FB=0V, Switching
0.8
1.3
mA
Shut Down Current
IDD
VEN < 0.4V
0.1
1
uA
Line Regulation
VIN : 3.0~4.3V
3
%
Oscillator
Operation Frequency
FOSC
0.8
1.1
MHz
Maximum Duty Cycle
89
92
96
%
Dimming Frequency
100
100k
Hz
Feedback Voltage
LP3302S
235
250
270
mV
MOSFET
On Resistance of MOSFET
RDS(ON)
0.8
Ω
Protection
OVP Threshold
VOVP
27.5
29
V
OVP Sink Current
5
μ
A
OCP
850
mA
Shut Down Voltage
VEN
0.4
V
Enable Voltage
VEN
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com