Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6205S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6205S
Description  1.3V Start-up Input Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6205S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6205S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary Datasheet
LP6205S
LP6205S–00 Ver. 1.0 Datasheet
Jul.-2013
www.lowpowersemi.com
Page 1 of 5
High Efficiency Boost DC/DC Regulator
General Description
The LP6205 is a current mode boost DC-DC
converter. Its
PWM
circuitry with built-in
0.3Ω,24V,1.5A Current power MOSFET makes this
converter highly power efficiently. Selectable high
switching frequency allows faster loop response and
easy filtering with a low noise output. The
non-inverting input its error amplifier is connected
to an internal 1.25V precision reference voltage.
Soft-Start time can be programmed with an external
capacitor, which sets the input current ramp rate.
Current mode control and external compensation
network make it easy and flexible to stabilize the
system.
Ordering Information
LP6205S - □ □
F: Pb-Free
Package Type
B6: SOT23-6
Applications
AlK. Battery Products
Li-ion Battery Products
Host/OTG 5V output
HDMI Power Supply
Marking Information
Please see website:www.lowpowersemi.com.
Features
 1.3V Start-up Input Voltage
 Output up to 1.5A
 Zero Shutdown Mode Supply Current
 94% Efficiency
 Up to 1.2MHz Switching Frequency
 Using Internal Power Switches
 Small SOT23-6 Package  
Typical Application Circuit
Pin Configurations
LP6205sB6F
5
3
2
4
1
6
VDD
PGND
SW
FB
GND
EN
10uH
R1
100K
R1
1M
1uF
Vout_5V
R2
33K
1uF
22pF
R1
110K
+
Cout
22uF*3
22pF
+
22uF
SS24
Vin(3.6-5V)
ON/OFF
SOT23-6
TOP View


Similar Part No. - LP6205S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
Low voltage start-up:0.9V
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202-B6F POWER-LP6202-B6F Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
LP6202AA-B6F POWER-LP6202AA-B6F Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
More results

Similar Description - LP6205S

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
Ultra High Voltage Start Up
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
Low voltage start-up:0.9V
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
High-Voltage Start-Up IC
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com