Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6205S Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6205S
Description  1.3V Start-up Input Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6205S Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6205S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6205S Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary Datasheet
LP6205S
LP6205S–00 Ver. 1.0 Datasheet
Jul.-2013
www.lowpowersemi.com
Page 3 of 5
Absolute Maximum Ratings
Supply Input Voltage-------------------------------------------------------------------------------------------------------
6V
SW Pin Switch Voltage---------------------------------------------------------------------------------
−0.3V to (Vout + 0.8V)
Other I/O Pin Voltages----------------------------------------------------------------------------------
−0.3V to (Vout + 0.3V)
SW Pin Switch Current ------------------------------------------------------------------------------------------------------
1.5A
SW Pin Voltage(max) ------------------------------------------------------------------------------------------------------
30V
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------------260°C
Storage Temperature Range --------------------------------------------------------------------------------- −65°C to 150°C
ESD Susceptibility
HBM (Human Body Mode) ----------------------------------------------------------------------------------------------------2kV
MM(Machine-Mode)-----------------------------------------------------------------------------------------------------------200V
Recommended Operating Conditions
Operation Ambient Temperature Range------------------------------------------------------------------ −40°C to 85°C
Electrical Characteristics
(VIN = 1.5V, VDD set to 3.3V, Load Current = 0, TA = 25°C, unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Units
Start-UP Voltage
IL = 1mA
2.5
V
Operating VDD Range
VDD pin voltage
2.5
6.5
V
No Load Current I (VIN)
VIN = 2V, VOUT = 6V
26
μA
Feedback Reference Voltage Close Loop, VDD = 3.3V
1.25
V
Switching Frequency
VDD = 3.3V
1200
KHz
Maximum Duty
VDD = 3.3V
95
%
SW ON Resistance
VDD = 3.3V
200
mΩ
Current Limit Setting
VDD = 3.3V
1.5
A
Line Regulation
VIN = 1.5 ~ 2.5V, IL = 1mA
55
mV/V
Load Regulation
VIN = 2.5V, IL = 1 ~ 100mA
0.2
mV/mA
Temperature Stability for
VOUT
50
ppm/℃
Thermal Shutdown
165
℃
Thermal Shutdown
Hysterises
10
℃
Maximum VRS
VRS
145
mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com