Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6302 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6302
Description  Output Voltage Range: 0.6V to VIN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6302 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6302 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Datasheet
LP6302
LP6302 – Ver. 1.0 Datasheet
Sep.-2007
1.5MHz,
1.5A Step-down Converter With Soft-Start
General Description
The LP6302 contains two independent 1.5MHz constant
frequency, current mode, PWM step-down converters.
The converter integrates a main switch and a
synchronous rectifier for high efficiency without an
external Schottky diode. The LP6302 is ideal for
powering portable equipment that runs from a single cell
Lithium-Ion (Li+) battery. The converter can supply
1200mA of load current from a 2.5V to 5.5V input
voltage. The output voltage can be regulated as low as
0.6V. The LP6302 can also run at 100% duty cycle for
low dropout applications.
The LP6302 is available in a 16-lead 3mm*3mm TDFN
package and is rated over the -40°C to 85°C temperature
range.
Order Information
LP6302 -
□ □ □
F: Pb-Free
Package Type
QV: TDFN-12
Type: Vout1/Vout2
B: 1.8V/1.2V
C: 3.3V/1.2V
D: 3.3V/1.8V
A: Adjustable
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
GPS Applications
Marking Information
Please see website.
Features
Input Voltage Range: 2.5V to 5.5V
Output Voltage Range: 0.6V to VIN
1200mA Load Current on Each Channel
Up to 95% Efficiency
100% Duty Cycle in Dropout
< 1 u A Quiescent Current
1.5MHz Switching Frequency
Soft star Function
Short Circuit Protection
Current Mode Operation
Thermal Fault Protection
3m m × 3mm TDFN-12 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit


Similar Part No. - LP6302

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6301 POWER-LP6301 Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301-12QVF POWER-LP6301-12QVF Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301-18QVF POWER-LP6301-18QVF Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301-33QVF POWER-LP6301-33QVF Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301-AQVF POWER-LP6301-AQVF Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
More results

Similar Description - LP6302

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
3.0 Vin to 5.5 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
PT4482N TI-PT4482N Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Lowpower Semiconductor ...
LP6342 POWER-LP6342 Datasheet
782Kb / 15P
Output Voltage Range: 0.6V to VIN
LP6343 POWER-LP6343 Datasheet
539Kb / 12P
Output Voltage Range: 0.6V to VIN
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com