Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6302 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6302
Description  Output Voltage Range: 0.6V to VIN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6302 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6302 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6302 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Datasheet
LP6302
LP6302 – Ver. 1.0 Datasheet
Sep.-2007
Functional Pin Description
Pin Description
Pin NO
PIN
DESCRIPTION
VIN2
1
Power Input of Channel 2.
SW2
2
Pin for Switching of Channel 2.
GND
3,9
Ground.
FB1/VOUT1
4
Feedback/Output Voltage Pin of Channel 1.
NC1,NC2
5,11
No Connection or Connect to VIN.
VIN2
1
Power Input of Channel 2.
EN1
6
Chip Enable of Channel 1 (Active High).VEN1 ≤ VIN1.
VIN1
7
Power Input of Channel 1.
SW1
8
Pin for Switching of Channel1.
FB2/VOUT2
10
Feedback/Output Voltage Pin of Channel 2.
EN2
12
Chip Enable of Channel 2 (Active High).VEN2 ≤ VIN2.
Function Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com