Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6342 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP6342
Description  Output Voltage Range: 0.6V to VIN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6342 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP6342 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 13Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Preliminary Datasheet
LP6342
LP6342-03
Version 1.3 Datasheet
Oct.-2011
www.lowpowersemi.com
9 / 15
Functional Description
The LP6342 is a high output current monolithic
switch-mode step-down DC-DC converter. The device
operates at a fixed 1.5MHz switching frequency, and uses a
slope compensated current mode architecture.
This step-down DC-DC converter can supply up to 2A
output current at VIN = 3V and has an input voltage range
from 2.5V to 5.5V. It minimizes external component size
and optimizes efficiency at the heavy load range. The slope
compensation allows the device to remain stable over a
wider range of inductor values so that smaller values (1μH
to 4.7μH) with lower DCR can be used to achieve higher
efficiency. Apart from the small bypass input capacitor,
only a small L-C filter is required at the output. The device
can be programmed with external feedback to any voltage,
ranging from 0.6V to near the input volt-age. It uses
internal MOSFETs to achieve high efficiency and can
generate very low output voltages by using an internal
reference of 0.6V. At dropout, the converter duty cycle
increases to 100% and the output voltage tracks the input
voltage minus the low RDS(ON) drop of the P-channel
high-side MOSFET and the inductor DCR.
The internal error amplifier and compensation provides
excellent transient response, load and line regulation.
Internal soft start eliminates any output voltage over-shoot
when the enable or the input voltage is applied.
Current Mode PWM Control
Slope compensated current mode PWM control provides
stable switching and cycle-by-cycle current limit for
excellent load and line response with protection of the
internal
main
switch
(P-channel
MOSFET)
and
synchronous rectifier (N-channel MOSFET). During
normal operation, the internal P-channel MOSFET is turned
on for a specified time to ramp the inductor current at each
rising edge of the internal oscillator, and switched off when
the peak inductor current is above the error volt-age. The
current comparator, ICOMP, limits the peak inductor current.
When the main switch is off, the synchronous rectifier turns
on immediately and stays on until either the inductor
current starts to reverse, as indicated by the current reversal
comparator, IZERO, or the beginning of the next clock cycle.
Control Loop
The LP6342 is a peak current mode step-down converter.
The current through the P-channel MOSFET (high side) is
sensed for current loop control, as well as short circuit and
overload protection. A slope compensation signal is added
to the sensed current to maintain stability for duty cycles
greater than 50%. The peak current mode loop appears as a
voltage-programmed current source in parallel with the
output capacitor. The output of the voltage error amplifier
programs the current mode loop for the necessary peak
switch current to force a constant output voltage for all load
and line conditions. Internal loop compensation terminates
the trans conductance voltage error amplifier output. The
error amplifier reference is fixed at 0.6V.
Soft Start / Enable
Soft start limits the current surge seen at the input and
eliminates output voltage overshoot. The enable pin is
active high. When pulled low, the enable input (EN) forces
the LP6342 into a low-power, non-switching state. The total
input current during shutdown is less than 1μA.
Current Limit and Over-Temperature Protection
For overload conditions, the peak input current is limited to
3.5A. To minimize power dissipation and stresses under
current limit and short-circuit conditions, switching is
terminated after entering current limit for a series of pulses.
The termination lasts for seven consecutive clock cycles
after a current limit has been sensed during a series of four
consecutive clock cycles.
Thermal protection completely disables switching when
internal dissipation becomes excessive. The junction
over-temperature threshold is 170°C with 10°C of
hysteresis. Once an over-temperature or over-current fault
conditions is removed, the output voltage automatically
recovers.
Dropout Operation
When the battery input voltage decreases near the value of
the output voltage, the LP6342 allows the main switch to
remain on for more than one switching cycle and increases
the duty cycle until it reaches 100%. The duty cycle D of
a step-down converter is defined as:
Where TON is the main switch on time and FOSC is the
oscillator frequency. The output voltage then is the input
voltage minus the voltage drop across the main switch and
the inductor. At low input supply voltage, the RDS(ON) of
the P-channel MOSFET increases, and the efficiency of the
converter decreases. Caution must be exercised to ensure
the heat dissipated does not exceed the maxi-mum junction
temperature of the IC.
Maximum Load Current
The LP6342 will operate with an input supply voltage as
low as 2.5V, however, the maximum load current decreases
at lower input voltages due to a large IR drop on the main
switch and synchronous rectifier. The slope compensation
signal reduces the peak inductor current as a function of the
duty cycle to prevent sub-harmonic oscillations at duty
cycles greater than 50%. Conversely, the current limit
increases as the duty cycle decreases.
Setting the Output Voltage
Figure 1 shows the basic application circuit for the LP6342.
The LP6342 can be externally programmed. Resistors R1
and R2 in Figure 1 program the output to regulate at a
voltage higher than 0.6V. To limit the bias current required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com