Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6342 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LP6342
Description  Output Voltage Range: 0.6V to VIN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6342 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LP6342 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 12Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 13Page - Lowpower Semiconductor inc LP6342 Datasheet HTML 14Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Preliminary Datasheet
LP6342
LP6342-03
Version 1.3 Datasheet
Oct.-2011
www.lowpowersemi.com
10 / 15
for the external feedback resistor string while maintaining
good noise immunity, the minimum suggested value for R2
is 59kΩ. Although a larger value will further reduce
quiescent current, it will also increase the impedance of the
feedback node, making it more sensitive to external noise
and interference. Table 1 summarizes the resistor values for
various output volt-ages with R2 set to either 59kΩ for
good noise immunity or 316kΩ for reduced no load input
current. The LP6342, combined with an external feed
forward capacitor (C3 in Figure 1), delivers enhanced
transient response for extreme pulsed load applications. The
addition of the feed forward capacitor typically requires a
larger output capacitor C2 for stability. The external resistor
sets the output voltage according to the following equation:
Vout=0.6V x(1+R1/R2)
R1=(Vout/0.6V-1)xR2
Table1 shows the resistor selection for different output
voltage settings.
Vout(V)
R2=59K,
R1=(K)
R2=316K,
R1=(K)
0.8
19.6
105
0.9
29.4
158
1.0
39.2
210
1.1
49.9
261
1.2
59
316
1.3
68.1
365
1.4
78.7
422
1.5
88.7
475
1.8
118
634
1.85
124
655
2.0
137
732
2.5
187
1000
3.3
267
1430
Table1: Resistor Selections for Different Output
Voltage Settings (Standard 1% Resistors
Substituted For Calculated Values).
Inductor Selection
For most designs, the LP6342 operates with inductor values
of 1μH to 4.7μH. Low inductance values are physically
smaller but require faster switching, which results in some
efficiency loss. The inductor value can be derived from
the following equation:
Where ΔIL is inductor ripple current. Large value inductors
lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current
approximately 30% of the maximum load current 2A, or
For output voltages above 2.0V, when light-load efficiency
is important, the minimum recommended inductor is 2.2μH.
Manufacturer’s specifications list both the inductor DC
current rating, which is a thermal limitation, and the peak
current rating, which is determined by the saturation
characteristics. The inductor should not show any
appreciable saturation under normal load conditions. Some
inductors may meet the peak and average current ratings yet
result in excessive losses due to a high DCR.
Always consider the losses associated with the DCR and its
effect on the total converter efficiency when selecting an
inductor. For optimum voltage-positioning load transients,
choose an inductor with DC series resistance in the 20mΩ
to 100mΩ range. For higher efficiency at heavy loads
(above 200mA), or minimal load regulation (but some
transient overshoot), the resistance should be kept below
100mΩ. The DC current rating of the inductor should be
at least equal to the maximum load current plus half the
ripple current to prevent core saturation (2A + 600mA).
Table 2 lists some typical surface mount inductors that meet
target applications for the LP6342.
Slope Compensation
The LP6342 step-down converter uses peak current mode
control with slope compensation for stability when duty
cycles are greater than 50%. The slope compensation is set
to maintain stability with lower value inductors which
provide better overall efficiency. The output inductor value
must be selected so the inductor current down slope meets
the internal slope compensation requirements. As an
example, the value of the slope compensation is set to
1A/μs which is large enough to guarantee stability when
using a 2.2μH inductor for all output volt-age levels from
0.6V to 3.3V. The worst case external current slope (m)
using the 2.2μH inductor is when VOUT = 3.3V and is:
To keep the power supply stable when the duty cycle is
above 50%, the internal slope compensation (mA) should
be:
Therefore, to guarantee current loop stability, the slope of
the compensation ramp must be greater than one-half of the
down slope of the current waveform. So the internal slope
compensated value of 1A/μs will guarantee stability using a
2.2μH inductor value for all output volt-ages from 0.6V to
3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com