Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1584 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1584
Description  5-Channel Slim DSC Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1584 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1584 Datasheet HTML 17Page - Maxim Integrated Products MAX1584 Datasheet HTML 18Page - Maxim Integrated Products MAX1584 Datasheet HTML 19Page - Maxim Integrated Products MAX1584 Datasheet HTML 20Page - Maxim Integrated Products MAX1584 Datasheet HTML 21Page - Maxim Integrated Products MAX1584 Datasheet HTML 22Page - Maxim Integrated Products MAX1584 Datasheet HTML 23Page - Maxim Integrated Products MAX1584 Datasheet HTML 24Page - Maxim Integrated Products MAX1584 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
If ZESR > fC, it can be ignored, as is typically the case
with ceramic output capacitors. If ZESR is less than fC,
it should be cancelled with a pole set by capacitor CP
connected from CCSU to GND:
CP = COUT x RESR / RC
If CP is calculated to be <10pF, it can be omitted.
Step-Down Component Selection
Step-Down Inductor
The external components required for the step-down
are an inductor, input and output filter capacitors, and
a compensation RC network.
The MAX1585/1585 step-down converter provides best
efficiency with continuous inductor current. A reason-
able inductor value (LIDEAL) can be derived from the
following:
LIDEAL = [2(VIN) x D(1 - D)] / IOUT x fOSC
which sets the peak-to-peak inductor current at half the
DC inductor current. D is the duty cycle:
D = VOUT / VIN
Given LIDEAL, the peak-to-peak inductor current is 0.5 x
IOUT. The absolute peak inductor current is 1.25 x IOUT.
Inductance values smaller than LIDEAL can be used to
reduce inductor size; however, if much smaller values
are used, inductor current rises and a larger output
capacitance may be required to suppress output ripple.
Larger values than LIDEAL can be used to obtain higher
output current, but with typically larger inductor size.
Step-Down Compensation
The relevant characteristics for step-down compensa-
tion are as follows:
• Transconductance (from FBSD to CCSD), gMEA
(135µS)
• Current-sense amplifier transresistance, RCS (0.6V/A)
• Feedback regulation voltage, VFB (1.25V)
• Step-down output voltage, VSD, in V
• Output load equivalent resistance, RLOAD, in
Ω = VSD / ILOAD
The key steps for step-down compensation are as fol-
lows:
1) Set the compensation RC zero to cancel the RLOAD
COUT pole.
2) Set the loop crossover below 1/10 the switching fre-
quency.
If we assume VIN = 3.5V, VOUT = 1.5V, and IOUT =
250mA, then RLOAD = 6
Ω.
If we select fOSC = 500kHz and L = 22µH,
choose fC = 24kHz and calculate CC:
CC = (VFB / VOUT)(RLOAD / RCS)(gM / 2
π x fC)
= (1.25 / 1.5)(6 / 0.6) x (135µS / (6.28 x 40kHz))
= 4.5nF
Choose 4.7nF.
Now select RC so transient-droop requirements are met.
For example, if 4% transient droop is allowed, the input
to the error amplifier moves 0.04 x 1.25V, or 50mV. The
error-amp output drives 50mV x 135µS, or 6.75µA across
RC to provide transient gain. Since the current-sense
transresistance is 0.6V/A, the value of RC that allows the
required load step swing is as follows:
RC = 0.6 x IIND(PK) / 6.75µA
In a step-down DC-DC converter, If LIDEAL is used, out-
put current relates to inductor current by the following:
IIND(PK) = 1.25 x IOUT
So for a 250mA output load step with VIN = 3.5V and
VOUT = 1.5V:
RC = (1.25 x 0.6 x 0.25) / 6.75µA = 27.8k
Choose 27k
Ω.
The inductor does somewhat limit the response in this
case since it ramps at (VIN - VOUT) / 22µH, or (3.5 - 1.5)
/ 22µH = 90mA/µs.
The output filter capacitor is then chosen so the COUT
RLOAD pole cancels the RC CC zero:
COUT x RLOAD = RC x CC
For the example:
COUT = 27k
Ω x 4.7nF / 6Ω = 21µF
Choose 22µF or greater.
If the output filter capacitor has significant ESR, a zero
occurs at:
ZESR = 1 / (2
π x COUT x RESR)
If ZESR > fC, it can be ignored, as is typically the case
with ceramic output capacitors. If ZESR is less than fC,
it should be cancelled with a pole set by capacitor CP
connected from CCSD to GND:
CP = COUT x RESR / RC
If CP is calculated to be <10pF, it can be omitted.
AUX Controller Component Selection
External MOSFET
MAX1584/MAX1585 AUX1(step-up) controllers drive
external logic-level N-channel MOSFETs. AUX3 (step-
down) controllers drive P-channel MOSFETs. AUX2
(step-up) on the MAX1584 drives an N channel, while
AUX2 (inverting) on the MAX1585 drives a P channel.
5-Channel Slim DSC Power Supplies
______________________________________________________________________________________
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com