Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1584 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1584
Description  5-Channel Slim DSC Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1584 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1584 Datasheet HTML 2Page - Maxim Integrated Products MAX1584 Datasheet HTML 3Page - Maxim Integrated Products MAX1584 Datasheet HTML 4Page - Maxim Integrated Products MAX1584 Datasheet HTML 5Page - Maxim Integrated Products MAX1584 Datasheet HTML 6Page - Maxim Integrated Products MAX1584 Datasheet HTML 7Page - Maxim Integrated Products MAX1584 Datasheet HTML 8Page - Maxim Integrated Products MAX1584 Datasheet HTML 9Page - Maxim Integrated Products MAX1584 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
5-Channel Slim DSC Power Supplies
6
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
MAX
UNITS
FBSD Regulation Voltage
1.225
1.275
V
FBSD to CCSD
Transconductance
FBSD = CCSD
80
185
µS
FBSD Input Leakage Current
FBSD = 1.25V
-100
+100
nA
LXSD Leakage Current
VLXSD = 0 to 3.6V, PVSU = 3.6V
5
µA
N channel
150
Switch On-Resistance
P channel
250
m
P-Channel Current Limit
0.65
0.95
A
SDOK Output Low Voltage
0.1mA into
SDOK
0.1
V
SDOK Leakage Current
ONSU = GND
1
µA
AUX1, 2, 3 DC-DC CONTROLLERS
Maximum Duty Cycle
FB_ = 1V
80
90
%
FB1 and FB3 Regulation Voltage
FB_ = CC_
1.225
1.275
V
FB2 (MAX1584) Regulation
Voltage
FB_ = CC_
1.225
1.275
V
FB2 (MAX1585) (Inverter)
Regulation Voltage
FB_ = CC_
-0.01
+0.01
V
FB_ to CC_ Transconductance
FB_ = CC_
80
185
µS
FB_ Input Leakage Current
FB_ = 1.25V
-100
+100
nA
DL_ Driver Resistance
Output high or low
10
AUX1OK Output Low Voltage
0.1mA into
AUX1OK
0.1
V
AUX1OK Leakage Current
ONSU = GND
1
µA
OVERLOAD AND THERMAL PROTECTION
SCF Leakage Current
ONSU = PVSU, FBSU = 1.5V
1
µA
SCF Output Low Voltage
0.1mA into SCF
0.1
V
LOGIC INPUTS
1.1V < PVSU < 1.8V (ONSU only)
0.2
ON_ Input Low Level
1.8V < PVSU < 5.5V
0.4
V
1.1V < PVSU < 1.8V (ONSU only)
VPVSU - 0.2
ON_ Input High Level
1.8V < PVSU < 5.5V
1.6
V
ELECTRICAL CHARACTERISTICS (continued)
(VPVSU = VPV = VPVSD = VINDL2 = 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 8)
Note 2: The MAX1584/MAX1585 are powered from the step-up output (PVSU). An internal low-voltage startup oscillator drives the
step-up starting at about 0.9V until PVSU reaches approximately 2.5V. When PVSU reaches 2.5V, the main control circuitry
takes over. Once the step-up is up and running, it can maintain operation with very low input voltages; however, output cur-
rent is limited.
Note 3: Since the device is powered from PVSU, a Schottky rectifier, connected from the input battery to PVSU, is required for low-
voltage startup, or if PVSD is connected to VIN instead of PVSU.
Note 4: The step-up regulator is in startup mode until this voltage is reached. Do not apply full load current during startup. A power-
OK output can be used with an external PFET to gate the load until the step-up is in regulation. See the Applications
Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com