Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFBR-709HDZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-709HDZ
Description  SFP Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-709HDZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-709HDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Table 5. Low Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Typical values are for Tc = 40°C. VccT and VccR = 3.3 V.
Parameter
Symbol
Minimum
Typical
Maximum Unit
Notes
Module Supply Current
ICC
180
289
mA
Note 1
Power Dissipation
PDISS
600
1000
mW
TX_FAULT, RX_LOS
IOH
- 50
+ 37.5
mA
Note 2
VOL
- 0.3
0.4
V
TX_DISABLE
VIH
2.0
VccT + 0.3 V
Note 3
VIL
-0.3
0.8
V
Notes:
1. Supply current includes both VccT and VccR connections.
2. Measured with a 4.7 k Ω load to VccHost.
3. TX_DISABLE has an internal 4.7 kΩ to 10 kΩ pull-up to VccT
Table 6. High Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Typical values are for Tc = 40°C. VccT and VccR = 3.3 V.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Tx Input Differential Voltage (TD +/-)
VI
180
700
mV
Note 1
Tx Input AC Common Mode Voltage Tolerance
15
mV(RMS)
Tx Input Differential S-parameter (100 Ω Ref.)
SDD11
-10
dB
0.01-1.0 GHz
Note 3
dB
1.0-11.1 GHz
Tx Input Differential to Common
Mode Conversion (25 Ω Ref.)
SCD11
-10
dB
0.01-11.1 GHz
Rx Output Differential Voltage (RD +/-)
Vo
300
850
mV
Note 2
Rx Output Termination Mismatch @ 1MHz
DZm
5
%
Rx Output AC Common Mode Voltage
7.5
mV(RMS)
Note 5
Rx Output Output Rise and Fall Time
(20% to 80%)
tr, tf
28
ps
Rx Output Total Jitter
TJ
0.70
Ulp-p
Rx Output 99% Jitter
J2
0.42
Ulp-p
Rx Output Differential S-parameter
SDD22
-12
dB
0.01-1.0 GHz
(100 Ω Ref.)
Note 4
dB
1.0-11.1 GHz
Rx Output Common Mode Reflection
SCC22
-6
dB
0.01-2.5 GHz
Coefficient (25
Ω Ref.)
-3
dB
2.5-11.1 GHz
Receiver Output Eye Mask
See Figure 5
Notes:
1. Internally AC coupled and terminated (100 Ohm differential).
2. Internally AC coupled but requires an external load termination (100 Ohm differential).
3. Maximum reflection coefficient is expressed as SDD11=Max(-12+2*sqrt(f) , -6.3+13*log10(f/5.5)), for f in GHz.
4. Maximum reflection coefficient is expressed as SDD22=Max(-12+2*sqrt(f) , -6.3+13*log10(f/5.5)), for f in GHz.
5. The RMS value is measured by calculating the standard deviation of the histogram for one UI of the common mode signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com