Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFBR-709HDZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-709HDZ
Description  SFP Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-709HDZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-709HDZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-709HDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
LIGHT FROM FIBER
LIGHT TO FIBER
PHOTO-DETECTOR
RECEIVER
AMPLIFICATION
& QUANTIZATION
RD+ (RECEIVE DATA)
RD– (RECEIVE DATA)
RX_LOS
VCSEL
TRANSMITTER
LASER
DRIVER &
SAFETY
CIRCUITRY
TX_DISABLE
TD+ (TRANSMIT DATA)
TD– (TRANSMIT DATA)
TX_FAULT
ELECTRICAL INTERFACE
SDA
SCL
MOD-ABS
CONTROLLER & MEMORY
OPTICAL INTERFACE
RS0
RS1
Figure 1. Transceiver functional diagram
Transmit Fault (TX_FAULT)
A catastrophic laser fault will activate the transmitter
signal, TX_FAULT, and disable the laser. This signal is
an open collector output (pull-up required on the host
board). A low signal indicates normal laser operation
and a high signal indicates a fault. The TX_FAULT will
be latched high when a laser fault occurs and is cleared
by toggling the TX_DISABLE input or power cycling the
transceiver. The transmitter fault condition can also be
monitored via the two-wire serial interface (address A2,
byte 110, bit 2).
Transmitter Section
The transmitter section includes the Transmitter Opti-
cal Sub-Assembly (TOSA) and laser driver circuitry. The
TOSA, containing an Avago designed and manufactured
850 nm VCSEL (Vertical Cavity Surface Emitting Laser)
light source, is located at the optical interface and mates
with the LC optical connector. The TOSA is driven by an
IC which uses the incoming differential high speed logic
signal to modulate the laser diode driver current. This Tx
laser driver circuit regulates the optical power at a con-
stant level provided the incoming data pattern is DC bal-
anced.
Transmit Disable (TX_DISABLE)
The AFBR-709HDZ accepts an LVTTL compatible trans-
mit disable control signal input which shuts down the
transmitter optical output. A high signal implements this
function while a low signal allows normal transceiver op-
eration. In the event of a fault (e.g. eye safety circuit ac-
tivated), cycling this control signal resets the module as
depicted in Figure 6. An internal pull up resistor disables
the transceiver transmitter until the host pulls the input
low. TX_DISABLE can also be asserted via the two-wire
interface (address A2h, byte 110, bit 6) and monitored
(address A2h, byte 110, bit 7).
The contents of A2h, byte 110, bit 6 are logic OR’d with
hardware TX_DISABLE (contact 3) to control transmitter
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com