Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFBR-709JAMZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-709JAMZ
Description  SFP Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-709JAMZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-709JAMZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Figure 2. Typical application configuration.
Figure 3. Recommended power supply filter.
4.7 µH
4.7 µH
0.1 µF
VCC R
SFP MODULE
22 µF
VCC T
0.1 µF
0.1 µF
3.3 V
HOST BOARD
0.1 µF
NOTE: INDUCTORS MUST HAVE LESS THAN 1
Ω SERIES RESISTANCE TO LIMIT VOLTAGE DROP TO THE SFP MODULE.
22 µF
LASER DRIVER
MODULE DETECT
LOSS OF SIGNAL
SCL
SDA
Tx_FAULT
Tx_DISABLE
TD+
Tx FAULT
Tx DIS
TD-
RD+
RD-
MOD_DEF2
MOD_DEF1
MOD_DEF0
GND,R
4.7 k to
10 k
50
50
4.7 k to 10 k
4.7 k to 10 k
PROTOCOL IC
VCC,T
VCC,T
VCC,R
µF
3.3 V
SERDES IC
Rx LOS
GND,T
0.1 µF
0.1 µF
POST AMPLIFIER
100
4.7 k to 10 k
100
10 k
0.1 µF
VCC,R
0.1 µF
4.7 k to 10 k
VCC,R
4.7 µH
22 µF
3.3 V
4.7 µH
0.1 µF
0.1 µF
22 µF
0.1 µF
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com