Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFBR-709JAMZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-709JAMZ
Description  SFP Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-709JAMZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-709JAMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-709JAMZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Table 6. High Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Typical values are for Tc = 40 °C. VccT and VccR = 3.3 V.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Tx Input Differential Voltage (TD +/-)
VI
180
700
mV
Note 1
Tx Input AC Common Mode Voltage Tolerance
15
mV(RMS)
Tx Input Differential S-parameter (100
Ω Ref.)
SDD11
-10
dB
0.01-1.0 GHz
Note 3
dB
1.0-11.1 GHz
Tx Input Differential to Common
SCD11
-10
dB
0.01-11.1 GHz
Mode Conversion (25
Ω Ref.)
Rx Output Differential Voltage (RD +/-)
Vo
300
850
mV
Note 2
Rx Output Termination Mismatch @ 1MHz
DZm
5
%
Rx Output AC Common Mode Voltage
7.5
mV(RMS)
Note 5
Rx Output Total Jitter
TJ
0.70
Ulp-p
Rx Output 99% Jitter
J2
0.42
Ulp-p
Rx Output Differential S-parameter
SDD22
-12
dB
0.01-1.0 GHz
(100
Ω Ref.)
Note 4
dB
1.0-11.1 GHz
Rx Output Common Mode Reflection
SCC22
-6
dB
0.01-2.5 GHz
Coefficient (25
Ω Ref.)
-3
dB
2.5-11.1 GHz
Receiver Output Eye Mask
See Figure 5a
Notes:
1. Internally AC coupled and terminated (100
Ω differential).
2. Internally AC coupled but requires an external load termination (100
Ω differential).
3. Maximum reflection coefficient is expressed as SDD11=Max(-12+2*sqrt(f) , -6.3+13*log10(f/5.5)), for f in GHz.
4. Maximum reflection coefficient is expressed as SDD22=Max(-12+2*sqrt(f) , -6.3+13*log10(f/5.5)), for f in GHz.
5. The RMS value is measured by calculating the standard deviation of the histogram for one UI of the common mode signal.
Table 5. Low Speed Signal Electrical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Typical values are for Tc = 40°C. VccT and VccR = 3.3 V.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Module Supply Current
ICC
180
289
mA
Note 1
Power Dissipation
PDISS
600
1000
mW
TX_FAULT, RX_LOS
IOH
- 50
+ 37.5
µA
Note 2
VOL
- 0.3
0.4
V
TX_DISABLE
VIH
2.0
VccT + 0.3
V
Note 3
VIL
-0.3
0.8
V
Notes:
1. Supply current includes both VccT and VccR connections.
2. Measured with a 4.7 k
Ω load to VccHost.
3. TX_DISABLE has an internal 4.7 k
Ω to 10 kΩ pull-up to VccT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com