Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STC5415 Datasheet(PDF) 21 Page - Connor-Winfield Corporation

Part # STC5415
Description  Line Card Clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5415 Datasheet(HTML) 21 Page - Connor-Winfield Corporation

Back Button STC5415 Datasheet HTML 17Page - Connor-Winfield Corporation STC5415 Datasheet HTML 18Page - Connor-Winfield Corporation STC5415 Datasheet HTML 19Page - Connor-Winfield Corporation STC5415 Datasheet HTML 20Page - Connor-Winfield Corporation STC5415 Datasheet HTML 21Page - Connor-Winfield Corporation STC5415 Datasheet HTML 22Page - Connor-Winfield Corporation STC5415 Datasheet HTML 23Page - Connor-Winfield Corporation STC5415 Datasheet HTML 24Page - Connor-Winfield Corporation STC5415 Datasheet HTML 25Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Page 21 of 48 TM120 Rev: P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5415
Line Card Clock
Functional Specification
Data sheet
Preliminary
Clock Outputs Details
The STC5415 generates 1 synchronized differential
(LVPECL or LVDS) clock output: CLK1; 3 LVCMOS
clock outputs: CLK2, one 8kHz and one 2kHz frame
pulse clock outputs. Figure 5, Figure 6, and Figure 7
respectively shows the clock output section for CLK1,
CLK2, and CLK8K/CLK2K. Each output has individ-
ual clock output section consist of synthesizer and
clock generator. Clock generator of CLK1 has
LVPECL/LVDS driver to produce differential output.
Clock generators of CLK2 include a mux and a LVC-
MOS signal driver. Clock generator of frame output
CLK8K and CLK2K consist of a duty cycle controller
and a LVCMOS driver.
Clock Synthesizers
The STC5415 has 3 clock synthesizers: synthesizer
G1, G4 and one frame pulse clock synthesizer F;
Clock synthesizers G1 and G4 produce frequencies
from 1MHz to 156.25MHz, in 1kHz steps. Phase
skew of these synthesizers are all programmable
individually up and down 50ns. CLK1 is derived from
synthesizer G1. CLK2 can be derived from synthe-
sizer G4. Synthesizer F produces frame pulse at 8kHz
and 2kHz with 50% duty cycle or programmable pulse
width.
Clock Generators
Clock generator of CLK1 consist of a LVPECL/LVDS
signal driver. The signal level of clock outputs CLK1
can be programmed to either LVPECL or LVDS.
Clock generators of CLK2 consist of a LVCMOS
driver. CLK2 is LVCMOS. Signal level is driven from
LVCMOS driver in clock generator. The clock genera-
tor of frame pulse output CLK8K and CLK2K contains
a duty cycle controller and a LVCMOS driver. The
duty cycle is programmable at the register CLK8K
Sel and CLK2K Sel.
Figure 5:Output Clocks CLK1
Figure 6:Output Clocks CLK2
CLK1
Synthesizer G1
CLK1 Generator
LVPECL
/LVDS
DRIVER
1MHz ~ 156.25MHz
CLK2 Generator
LVCMOS
DRIVER
Synthesizer G4
CLK2
1MHz ~ 156.25MHz
Figure 7:Output Clocks CLK8K and CLK2K
Clock Output Phase Alignment
Any of clock outputs which has frequency at the inte-
ger multiple of 8kHz is in phase alignment with the
frame pulse output CLK8K if none of synthesizer
skew is programmed.
Synthesizer Skew Programming
The STC5415 allows user to program the phase skew
of each clock synthesizer, up and down 50ns in
roughly 0.024ns steps. Since each of clock outputs is
dedicate derived from its synthesizer respectively,
adjust phase skew of the synthesizer will provide the
associated clock output a phase skew adjustment.
Phase skew of the synthesizers may be programmed
at the register Synth Skew Adj.
Clock Outputs
Available frequencies of CLK1 and CLK2 are from
1MHz to 156.25MHz, in 1kHz steps. Phase skew is
adjustable at the associate synthesizer level. Two
clock outputs, CLK8K and CLK2K, generate two
frame pulse clock at 8kHz and 2kHz.
Event Interrupts
The STC5415 events shown following below are
interrupt events might occurred.
- Qualification status of the reference inputs change
- Activity status of the cross reference inputs change
- Selected reference of timing generator changes in auto-
matic reference selection
- PLL status of timing generator changes
- Out-Event of timing generator asserts
The interrupt events can be read from the register
Interrupt Status. Each bit indicates one events. The
associate bit of the register Interrupt Status will not
be changed automatically when the event is cleared.
Therefore, the user need write ‘1’ to the associate bit
to erase the event.
Duty Cycle
Synthesizer F
LVCMOS
Driver
Controller
CLK8K
CLK8K Generator
Duty Cycle
LVCMOS
Driver
Controller
CLK2K
CLK2K Generator
8kHz frame pulse
2kHz frame pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com