Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STC5415 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # STC5415
Description  Line Card Clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5415 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button STC5415 Datasheet HTML 2Page - Connor-Winfield Corporation STC5415 Datasheet HTML 3Page - Connor-Winfield Corporation STC5415 Datasheet HTML 4Page - Connor-Winfield Corporation STC5415 Datasheet HTML 5Page - Connor-Winfield Corporation STC5415 Datasheet HTML 6Page - Connor-Winfield Corporation STC5415 Datasheet HTML 7Page - Connor-Winfield Corporation STC5415 Datasheet HTML 8Page - Connor-Winfield Corporation STC5415 Datasheet HTML 9Page - Connor-Winfield Corporation STC5415 Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Page 6 of 48
TM120
Rev:P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5415
Line Card Clock
Data sheet
Preliminary
STC5415 Pin Description
All I/O is LVCMOS, except for CLK1 is LVPECL/LVDS. REF4 and REF5 are LVCMOS/LVPECL/LVDS.
Table 1: Pin Description
Pin Name
Pin #
I/O
Description
AVCC
4,14
3.3V analog power input
AGND
3,15
Analog ground
VCC
8, 9, 12,
22, 32,
36, 38,
39, 45,
46, 54,
57
3.3V digital power input
GND
1, 7, 10,
11, 21,
31, 40,
53, 58
Digital ground
RST
48
I
Active low to reset the chip
MCLK
6
I
Master clock input (TCXO or XO)
EVENT_INTR
5
O
Event interrupt
EX_SYNC
28
I
Frame Sync signal
REF1
29
I
Reference input 1
REF2
30
I
Reference input 2
REF3
34
I
Reference input 3
REF4_P
23
I
Differential reference input 4 (LVPECL/LVDS)
REF4_N
24
I
Differential reference input 4 (LVPECL/LVDS)
REF5_P
25
I
Differential reference input 5 (LVPECL/LVDS)
REF5_N
26
I
Differential reference input 5 (LVPECL/LVDS)
CLK1_P
19
O
Clock output CLK1 positive. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G1
LVPECL or LVDS
CLK1_N
20
O
Clock output CLK1 negative, 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G1
LVPECL or LVDS
CLK2
56
O
Clock output CLK2, 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G4. LVCMOS.
CLK8K
17
O
8kHz frame pulse signal, from Synthesizer F, 50% duty cycle or programmable pulse width
CLK2K
18
O
2kHz frame pulse signal, from Synthesizer F, 50% duty cycle or programmable pulse width
SRCSW
13
I
Hard-wired manual reference pre-selection
CS
44
I
SPI bus chip select
SCLK
47
I
SPI bus clk
SDI
43
I
SPI bus data in
SDO
52
O
SPI bus data out
CLKE
42
I
SPI Clock edge selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com