Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS570 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS570
Description  8-pin SOIC package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS570 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS570 Datasheet HTML 1Page - Integrated Device Technology ICS570 Datasheet HTML 2Page - Integrated Device Technology ICS570 Datasheet HTML 3Page - Integrated Device Technology ICS570 Datasheet HTML 4Page - Integrated Device Technology ICS570 Datasheet HTML 5Page - Integrated Device Technology ICS570 Datasheet HTML 6Page - Integrated Device Technology ICS570 Datasheet HTML 7Page - Integrated Device Technology ICS570 Datasheet HTML 8Page - Integrated Device Technology ICS570 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICS570
MULTIPLIER AND ZERO DELAY BUFFER
ZDB AND MULTIPLIER
IDT™ / ICS™ MULTIPLIER AND ZERO DELAY BUFFER
4
ICS570
REV K 073007
Using CLK as the feedback will always result in synchronized rising edges between ICLK and CLK. However, the
CLK/2 could be a falling edge compared with ICLK. IDT recommends using CLK/2 feedback whenever possible.
This will synchronize the rising edges of all three clocks.
Clock Period Jitter Tables (ICS570A)
All jitter values are considered typical measured at 25
° C with 27Ωtermination resistor and 15 pF loads on both CLK
and CLK/2. The feedback is from CLK/2 to FBIN. Note that if an output is unused, it should be left unconnected to
improve output jitter on the active output clocks.
Absolute and One Sigma Jitter (ps)
Absolute and One Sigma Jitter (ps)
Absolute and One Sigma Jitter (ps)
CLK = 50M
CLK/2 = 25M
S
S
CLKIN
Multiplier
P to P
1 sigma
Multiplier
P to P
1 sigma
0
M
8.333
6x
±115
80
3x
±65
20
0
1
6.25
8x
±115
80
4x
±60
20
M
0
3.125
16x
±120
80
8x
±55
20
M
M
4.167
12x
±120
90
6x
±60
20
M
1
2.5
20x
±120
80
10x
±60
20
1
0
25
2x
±120
70
1x
±55
20
1
M
1.5625
32x
±120
80
16x
±50
20
1
1
12.5
4x
±120
80
2x
±55
20
CLK = 100M
CLK/2 = 50M
S
S
CLKIN
Multiplier
P to P
1 sigma
Multiplier
P to P
1 sigma
0
M
16.667
6x
±135
100
3x
±55
20
0
1
12.5
8x
±140
100
4x
±50
20
M
0
6.25
16x
±140
110
8x
±55
20
M
M
8.333
12x
±140
110
6x
±55
20
M
1
5
20x
±135
100
10x
±50
20
1
0
50
2x
±120
90
1x
±50
20
1
M
3.125
32x
±135
100
16x
±55
20
1
1
25
4x
±130
90
2x
±65
20
CLK = 150M
CLK/2 = 75M
S
S
CLKIN
Multiplier
P to P
1 sigma
Multiplier
P to P
1 sigma
0
M
25
6x
±160
120
3x
±55
20
0
1
18.375
8x
±165
120
4x
±55
20
M
0
9.375
16x
±170
120
8x
±50
20
M
M
12.5
12x
±160
120
6x
±55
20
M
1
7.5
20x
±160
120
10x
±55
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com