Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS570 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS570
Description  8-pin SOIC package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS570 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS570 Datasheet HTML 3Page - Integrated Device Technology ICS570 Datasheet HTML 4Page - Integrated Device Technology ICS570 Datasheet HTML 5Page - Integrated Device Technology ICS570 Datasheet HTML 6Page - Integrated Device Technology ICS570 Datasheet HTML 7Page - Integrated Device Technology ICS570 Datasheet HTML 8Page - Integrated Device Technology ICS570 Datasheet HTML 9Page - Integrated Device Technology ICS570 Datasheet HTML 10Page - Integrated Device Technology ICS570 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ICS570
MULTIPLIER AND ZERO DELAY BUFFER
ZDB AND MULTIPLIER
IDT™ / ICS™ MULTIPLIER AND ZERO DELAY BUFFER
8
ICS570
REV K 073007
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
Note 1: Assumes clocks with same rise time, measured from rising edges at VDD/2
Note 2: Measured with 27
Ω terminating resistor and 15 pF loads
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, ICLK
FBIN from CLK/2
See table on page 2
Output Clock Frequency
CLK
10
170
MHz
Output to Output Skew
ICS570B, ICS570M
100
175
ps
Output to Output Skew
VDD=5 V, ICS570A
100
200
ps
Input to Output Jitter
40 - 150 MHz
100-250
ps
ICS570M
600
ps
Input Skew, ICS570B,
ICS570M
ICLK to FBIN,
CLK>30MHz, Note 1
-300
300
ps
ICLK to FBIN,
CLK<10MHz, Note 1
-600
600
ps
Input Skew, ICS570A
ICLK to FBIN
CLK>30MHz, Note 1
-1
1
ns
ICLK to FBIN,
CLK<10MHz, Note 1
-1.5
1.5
ns
Output Clock Rise Time
0.8 to 2.0V, Note 2
0.75
ns
Output Clock Fall Time
2.0 to 0.8V, Note 2
0.75
ns
Output Clock Duty Cycle
at VDD/2
45
49 - 51
55
%
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com