Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NE555G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # NE555G-S08-R
Description  SINGLE TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

NE555G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  NE555G-S08-R Datasheet HTML 1Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 2Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 3Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 4Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 5Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 6Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 7Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NE555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R106-001,F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
16
V
Power Dissipation
PD
600
mW
Junction Temperature
TJ
+125
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V
CC=5 ~ 15V, Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
16
V
VCC=5V, RL=
3
6
mA
Supply Current (Note 1)
ICC
VCC=15V, RL=
7.5
15
mA
Monostable
1.0
3.0
%
Initial Accurary (Note 2)
Astable
ACCUR
RA=1k ~ 100kΩ
2.25
%
Monostable
50
ppm/
°C
Drift with Temperature
Astable
Δt/ΔT
C=0.1
μF
150
ppm/
°C
Monostable
0.1
0.5
%/V
Drift with Supply Voltage
Astable
Δt/ΔV
CC
0.3
%/V
VCC=15V
9.0
10.0
11.0
V
Control Voltage
VC
VCC=5V
2.6
3.33
4.0
V
VCC=15V
10.0
V
Threshold Voltage
VTH
VCC=5V
3.33
V
Threshold Current(Note 3)
ITH
0.1
0.25
μA
VCC=5V
1.1
1.67
2.2
V
Trigger Voltage
VTR
VCC=15V
4.5
5
5.6
V
Trigger Current
ITR
VTR=0
0.01
2.0
μA
Reset Voltage
VRST
0.4
0.7
1.0
V
Reset Current
IRST
0.1
0.4
mA
VCC=15V
ISINK=10mA
0.06
0.25
V
ISINK=50mA
0.3
0.75
V
VCC=5V
Low Output Voltage
VOL
ISINK=5mA
0.05
0.35
V
VCC=15V
ISOURCE=200mA
12.5
V
ISOURCE=100mA
12.75
13.3
V
High Output Voltage
VOH
VCC=5V, ISOURCE=100mA
2.75
3.3
V
Rise Time of Output
tR
100
ns
Fall Time of Output
tF
100
ns
Discharge Leakage Current
ILKG
20
100
nA
Note 1: Supply current when output high typically 1mA less at VCC=5V.
Note 2: Tested at VCC=5.0V and VCC=15V.
Note 3: This will determine the maximum value of RA+RB for 15V operation, The maximum total is R=20MΩ, and for
5V operation the maximum total is R=6.7M
Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com