Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NE555G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # NE555G-S08-R
Description  SINGLE TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

NE555G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  NE555G-S08-R Datasheet HTML 1Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 2Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 3Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 4Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 5Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 6Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 7Page - Unisonic Technologies NE555G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NE555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R106-001,F
TYPICAL APPLICATION NOTES
The application circuit shows astable mode configuration.
Pin 6 (Threshold ) is tied to Pin 2 ( Trigger ) and Pin 4 ( reset ) is tied to VCC ( Pin 8 ). The external capacitor C1 of
Pin 6 and Pin 2 charges through RA, RB and dischages through RB only. In the internal circuit of UTC NE555 ,
one
input of the upper comparator is at voltage of
2/3Vcc(R1=R2=R3),another input
is
connected to Pin 6.As soon
as
C1 is charging to higher than 2/3Vcc, transistor Q1
is turned ON and discharge C1 to collector
voltage of
transistor Q1. Therefore, the flip-flop circuit is reset and output is low. One input of lower comparator is at voltage of
1/3Vcc, discharge transistor Q1 turn off and C1 charges through RA and RB. Therefore, the flip-flop circuit is set
output high.
That is, when C1 charges through RA and RB , output is high and when C1 discharge through RB ,output is low.
The charge time(output is high) t1 is 0.693(RA+RB) C1 and the discharge time (output is low) T2 is 0.693 RB*C1.
ln
Vcc
1
3
Vcc
Vcc
2
3
Vcc
0.693
−
−
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
=
T1=0.693*(RA+RB)*C1
Thus the total period time T is given by
T2=0.693*RB*C1
T=T1+T2=0.693(RA+2RB)*C1.
Then the frequency of astable mode is given by
C1
*
)
R
(R
1.44
T
1
f
B
A
2
+
=
=
The duty cycle is given by
B
A
B
2R
R
R
T
T2
D.C.
+
=
=
.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com