Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AIC2802 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC2802
Description  3A 23V Synchronous PWM Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2802 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC2802 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AIC2802
4
ELECTRICAL CHARACTERISTICS
VIN=12V, unless otherwise specified. Typical values are at TA=+25C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Shutdown Supply Current
VEN = 0V
0.3
3
A
Supply Current
VFB= 1.0V
1.9
2.4
mA
Feedback Voltage 1
VFB
4.5V
≤ V
IN ≤ 23V
0.9
0.925
0.95
V
Feedback Overvoltage 1Threshold
1.2
V
Feedback Voltage 2
VFB2
4.5V
≤ V
o1 ≤ 7V
0.588
0.6
0.612
V
Feedback Overvoltage 2Threshold
0.625
V
Error Amplifier Voltage Gain
AEA
400
V/V
Error Amplifier Transconductance
GEA
ΔICOMP =  10A
820
A/V
High-Side Switch On-Resistance
RDS (ON) 1
110
m
Low-Side Switch On-Resistance
RDS (ON) 2
85
m
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
10
A
Upper Switch Current Limit
Minimum Duty Cycle
4
5.5
A
Lower Switch Current Limit
From Drain to Source
0.9
A
COMP to Current Sense
Transconductance
GCS
5.2
A/V
Oscillation Frequency
fOSC
300
340
380
KHz
Short Circuit Oscillation Frequency
VFB= 0V
110
KHz
Maximum Duty Cycle
DMAX
VFB= 0.8V
90
%
Minimum On Time
TON
220
ns
EN Shutdown Threshold Voltage
VEN Rising
1.1
1.5
2.2
V
EN Shutdown Threshold Voltage
Hysteresis
220
mV
Under Voltage Lockout Threshold
VIN Rising
3.7
4.1
V
Under Voltage Lockout Threshold
Hysteresis
210
mV
Soft-Start Period for Vout1
5
ms
Soft-Start Period for Vout2
0.5
ms
Vcpu Voltage
5
V
Thermal Shutdown
160
C
Note 1: Specifications are production tested at TA=25C. Specifications over the -40C to 85C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note 2: It is recommended to use duty ratio above 10% for minimizing resultant duty cycle jitter.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com