Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AIC2802 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC2802
Description  3A 23V Synchronous PWM Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2802 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC2802 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2802 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AIC2802
3A 23V Synchronous PWM Step-Down Converter
with Low Dropout Voltage Output
Analog Integrations Corporation
Si-Soft Research Center
AIC2802-01 20121026
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
3A Continuous Output Current
internal Soft Start
Up to 90% Efficiency for Heavy Load
(Vin=12V, Vout=3.3V, Iout=3.0A)
Low Rds(on) Internal Switches: 150m
Ω and
120m
Stable with Low ESR Output Ceramic Capaci-
tors
Up to 93% Efficiency
<1µA Supply Current in Shutdown Mode
Fixed 340KHz Frequency
Thermal Shutdown
Cycle by Cycle Over Current Protection
Wide 4.5 to 23V Operating Input Range
Output Adjustable from 0.925V to 12V
Under Voltage Lockout
Output Voltage 2 is available from 0.8V~5V Ad-
justable Version.
Available in ± 2% Output Tolerance.
Extra Mosfet to control current of output voltage
2.
Internal OVP UVLO for Output1 and Output2
APPLICATIONS
Networking Systems
Distributed Power Systems
Pre-Regulator for Linear Regulators.
LCD TV, LCD Monitor, DPF.
Portable AV Equipment.
Note Book PC Applications.
PC Peripherals.
Set-top Box
DESCRIPTION
The AIC2802 is a synchronous step-down regula-
tor with an integrated Power MOSFET and extra
Power MOSFET to control coutput voltage2. It
achieves 3A continuous output current over a wide
input supply range with excellent load and line
regulation.
Current mode operation provides fast transient re-
sponse and eases loop stabilization.
The Output Voltage1 adjusted by R1, R2 and Out-
put Voltage 2 adjusted by R3, R4.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. Internal
soft-start reduces the stress on the input source
and the output overshoot at turn-on. In shutdown
mode, the regulator draws 1µA or less of supply
current.
The AIC2802 is available in SOP-8 with Ex-
posed Pad Package.


Similar Part No. - AIC2802

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
8-CHANNEL DARLINGTON DRIVERS
AIC2803CN AIC-AIC2803CN Datasheet
52Kb / 5P
8-CHANNEL DARLINGTON DRIVERS
More results

Similar Description - AIC2802

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2823 AIC-AIC2823 Datasheet
526Kb / 10P
3A 23V Synchronous PWM Step-Down Converter
AIC2863 AIC-AIC2863 Datasheet
527Kb / 10P
3A 23V Synchronous PWM/PSM Step-Down
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com