Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC3401 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC3401
Description  16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3401 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC3401 Datasheet HTML 2Page - Microchip Technology TC3401 Datasheet HTML 3Page - Microchip Technology TC3401 Datasheet HTML 4Page - Microchip Technology TC3401 Datasheet HTML 5Page - Microchip Technology TC3401 Datasheet HTML 6Page - Microchip Technology TC3401 Datasheet HTML 7Page - Microchip Technology TC3401 Datasheet HTML 8Page - Microchip Technology TC3401 Datasheet HTML 9Page - Microchip Technology TC3401 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC3401
DS21410B-page 6
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC3401 has a 16-bit sigma-delta A/D converter. It
has two differential inputs, an analog multiplexer, a VDD
monitor with reset generator and an early warning
Power Fail detector. See the Typical Application circuit
and
the
Functional
Block
diagram.
The
key
components of the TC3401 are described below.
Also refer to Figure 3-5, A/D Operational Flowchart and
the Timing Diagrams, Figure 3-1, Figure 3-2 and
Figure 3-3.
3.1
A/D Converter Operation
When the TC3401 is not converting, it is in Sleep mode
with both the SCLK and SDAT lines high. An A/D
conversion is initiated by a high to low transition on the
SCLK line at which time the internal clock of the
TC3401 is started and the address value (ADDR) is
internally latched. The address value steers the analog
multiplexer to select the input channel to be converted.
Each additional high to low transition of SCLK (follow-
ing the initial SCLK falling edge) during the time interval
t4, will decrement the conversion resolution by one bit
and reduce the conversion time by one half. The time
interval t4 is referred to as the resolution reduction
window. The minimum conversion resolution is 10-bits
so any more than 6 SCLK transitions during t4 will be
ignored.
After each high to low transition of SCLK, in the t4
interval, the SDAT output is driven high by the TC3401
to acknowledge that the resolution has been decre-
mented. When the SCLK returns high or the t4 interval
ends, the SDAT line returns low (see Figure 3-2). When
the conversion is complete SDAT is driven high. The
TC3401 now enters Sleep mode and the conversion
value can be read as a serial data word on the SDAT
line.
3.2
Reading the Data Word
After the conversion is complete and SDAT goes high,
the conversion value can be clocked serially onto the
SDAT line by high to low transitions of the SCLK. The
data word is in two’s compliment format with the sign bit
clocked onto the SDAT line, first followed by the MSB
and ending in the LSB. For a 16-bit conversion the data
word would consist of a sign bit followed by 15 magni-
tude bits, Table 3-1 shows the data word versus input
voltage for a 16-bit conversion. Note that the full scale
input voltage range is ±(2 REFIN – 1LSB). When
REFOUT is fed back directly to REFIN,an LSB is 73µV
for a 16-bit conversion, as REFOUT is typically 1.193V.
Figure 3-4 shows typical SCLK and SDAT waveforms
for 16, 12 and 10-bit conversions. Note that any com-
plete convert and read cycle requires 17 negative edge
clock pulses. The first is the convert command. Then,
up to six of these can occur in the resolution reduction
window, t4, to decrement resolution. The remaining
pulses clock out the conversion data word.
TABLE 3-1:
DATA CONVERSION WORD
VS. VOLTAGE INPUT
(REFIN = 1.193V)
The SCLK input has a filter which rejects any positive
or negative pulse of width less than 50nsec to reduce
noise. The rejection width of this pulse can vary
between 50nsec and 750nsec depending on process-
ing parameters and supply voltage.
Figure 3-1 and Table 3-2 show information for deter-
mining the mode of operation for the TC3401 part by
recording the value of SDAT for SCLK in a high, then
low, then high state. For example, if SCLK goes
through a 1-0-1 transition and the corresponding
values of SDAT are 1-1-0, then the SCLK falling edge
started a new data conversion. A 0-1-0 for SDAT would
have indicated a resolution reduction had occurred.
This is useful if the microcontroller has a Watchdog
Reset or otherwise loses track of where the TC3401 is
in the conversion and data readout sequence. The
microcontroller can simply transition SCLK until it
“finds” a Start Conversion condition.
FIGURE 3-1:
SCLK, SDAT LOGIC
STATE DIAGRAM
TABLE 3-2:
SCLK, SDAT LOGIC STATE
*Note: The code X00 has a dual meaning: Data Transfer or
Busy converting. To avoid confusion, the user should
send only the required number of pulses for the
desired resolution, then wait for SDAT to rise to 1,
indicating conversion is complete before clocking
SCLK again to read out data bits.
Data Word
INn+ –INn- (Volts)
0111 1111 1111 1111
2.38596 (Positive Full Scale)
0000 0000 0000 0001
72.8 E -6
0000 0000 0000 0000
0
1111 1111 1111 1111
-72.8 E -6
1000 0000 0000 0001
-2.38596 (Negative Full Scale)
1000 0000 0000 0000
Reserved Code
AB
C
Status
1
1
0
Start Conversion
0
1
0
Resolution Reduction
x
1
1
Data Transfer
x
0
0
Data Transfer or Busy*
SCLK
SDAT
A
BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com