Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC3401 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC3401
Description  16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3401 Datasheet(HTML) 2 Page - Microchip Technology

  TC3401 Datasheet HTML 1Page - Microchip Technology TC3401 Datasheet HTML 2Page - Microchip Technology TC3401 Datasheet HTML 3Page - Microchip Technology TC3401 Datasheet HTML 4Page - Microchip Technology TC3401 Datasheet HTML 5Page - Microchip Technology TC3401 Datasheet HTML 6Page - Microchip Technology TC3401 Datasheet HTML 7Page - Microchip Technology TC3401 Datasheet HTML 8Page - Microchip Technology TC3401 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC3401
DS21410B-page 2
© 2002 Microchip Technology Inc.
Typical Application
Functional Block Diagram
TC3401
µ
Controller
ENABLE
SDAT
SCLK
ADDR
RESET
PFO
PFI
REFOUT
REFIN
VTH
IN2-
IN2+
IN1-
IN1+
I/01
I/02
I/03
RST
I/04
I/05
VBATT
VBATT
VBATT
C1
0.1
µF
R2
110k
Input 1
Input 2
C2
10
µF
R4
1M
VDD
R1
130k
R3
390
±10%
VBATT
VBATT
R7
100k
+
+
R6
100k
VCC
Reset Delay
Timer
+
RESET
PFO
PFI
VTH
ADDR
TC3401
IN1+
IN1-
IN2+
IN2-
SDAT
REFIN
REFOUT
SCLK
ENABLE
Clock
Generator
and Control
Circuitry
Data
Shift
Reg.
Σ – ∆
Modulator
1 of 2
AMux
+
+
+
x2
Start
Conv.
DQ
SET
CLR
1.23V
1.23V
1.193V
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com