Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC3404 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC3404
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3404 Datasheet(HTML) 3 Page - Microchip Technology

  TC3404 Datasheet HTML 1Page - Microchip Technology TC3404 Datasheet HTML 2Page - Microchip Technology TC3404 Datasheet HTML 3Page - Microchip Technology TC3404 Datasheet HTML 4Page - Microchip Technology TC3404 Datasheet HTML 5Page - Microchip Technology TC3404 Datasheet HTML 6Page - Microchip Technology TC3404 Datasheet HTML 7Page - Microchip Technology TC3404 Datasheet HTML 8Page - Microchip Technology TC3404 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21413B-page 3
TC3404
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ..................................................... 6.0V
Voltage on Pin:
PFO ..................................... GND – 0.3V) to 5.5V
Input Voltage (All Other Pins):
............................... (GND – 0.3V) to (VDD +0.3V)
Operating Temperature Range ................. 0°C to 85°C
Storage Temperature ......................... 65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC3404 DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = 25°C and VDD = 2.7V, unless otherwise specified. Boldface type specifications apply for
temperatures of 0°C to 85°C. VREF = 1.25V, Internal Clock Frequency = 520kHz.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Power Supply
VDD
Supply Voltage
1.8
—
5.5
V
IDD
Supply Current, During Data Conversion
—
280
—
µA
IDDSLEEP
Supply Current, Sleep Mode
—
37
50
µAT
A =+25°C
—
46
60
µA
Accuracy
RES
Resolution
—
16
—
Bits
INL
Integral Non-Linearity
—
.0038
—
%FSR
VDD =2.7V
VOS
Offset Error
—
—
±0.9
%FSR
IN+, IN- = 0V
VNOISE
Referred to input
—
60
—
µVrms
CMR
Common Mode Rejection
—
75
—
dB
At DC
FSE
Full Scale Error
—
0.4%
—
%FS
PSRR
Power Supply Rejection Ratio
—
75
—
dB
VDD =2.5V to3.5V
INn+
VIN
Input Voltage
—
—
VDD
V
Note 1
Absolute Voltage Range on INn
GND
—
VDD
V
Input Bias Current
—
1
100
nA
CIN
Input Sampling Capacitance
—
2
—
pF
RIN
Differential Input Resistance
—
2.0
—
M
Ω
Note 2
REFIN, REFOUT
VREF
REFIN Voltage Range
0
—
1.25
V
IREF
REFIN Input Current
—
1
—
µA
VREFOUT
REFOUT Voltage
—
1.193
—
V
REFSINK
REFOUT Current Sink Capability
—
10
—
µA
REFSRC
REFOUT Current Source Capability
300
—
—
µA
Note
1:
Differential input voltage defined as (VIN+–VIN-).
2:
Resistance from INn+ to INn- or INn to GND.
3:
@VDD =1.8V, ISOURCE ≤ 200µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com