Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC3404 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC3404
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3404 Datasheet(HTML) 5 Page - Microchip Technology

  TC3404 Datasheet HTML 1Page - Microchip Technology TC3404 Datasheet HTML 2Page - Microchip Technology TC3404 Datasheet HTML 3Page - Microchip Technology TC3404 Datasheet HTML 4Page - Microchip Technology TC3404 Datasheet HTML 5Page - Microchip Technology TC3404 Datasheet HTML 6Page - Microchip Technology TC3404 Datasheet HTML 7Page - Microchip Technology TC3404 Datasheet HTML 8Page - Microchip Technology TC3404 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21413B-page 5
TC3404
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(16-Pin PDIP
(16-Pin QSOP)
Symbol
Description
1
IN1+
Analog Input. This is the positive terminal of a true differential input with the negative
input tied internally to GND. See Section 1.0, Electrical Characteristics.
2
IN2+
Analog Input. This is the positive terminal of a true differential input with the negative
input tied internally to GND. See Section 1.0, Electrical Characteristics.
3
IN3+
Analog Input. This is the positive terminal of a true differential input consisting of
IN3+ and IN3-. VIN3 = (IN3+ – IN3-). See Section 1.0, Electrical Characteristics.
4
IN3-
Analog Input. This is the negative terminal of a true differential input consisting of
IN3+ and IN3-. VIN3 = (IN3+ – IN3-) IN3- can swing to, but not below, ground.
See Section 1.0, Electrical Characteristics.
5
IN4+
Analog Input. This is the positive terminal of a true differential input consisting of
IN4+ and IN4-. VIN4 = (IN4+ – IN4-). See Section 1.0, Electrical Characteristics.
6
IN4-
Analog Input. This is the negative terminal of a true differential input consisting of
IN4+ and IN4-. VIN4 = (IN4+ – IN4-) IN4- can swing to, but not below, ground.
See Section 1.0, Electrical Characteristics.
7REFIN
Analog Input. The converter’s reference voltage is the differential between this pin and
ground times two. It may be tied directly to REFOUT or scaled using a resistor divider.
Any user supplied reference voltage less than 1.25 may be used in place of REFOUT.
8
GND
Ground Terminal.
9REFOUT
Analog Output. The internal reference connects to this pin. It may be scaled externally,
andtiedtothe REFIN input to provide the converter’s reference voltage. Care must be
taken in connecting external circuitry to this pin. This pin is in a high impedance state
during Sleep mode. See Section 1.0, Electrical Characteristics.
10
SDAT
Digital Output (push-pull). This is the microPort™ serial data output. SDAT is driven low
while the TC3404 is converting data, effectively providing a “busy” signal. After the
conversion is complete, every high to low transition on the SCLK pin puts a bit from the
resultingdatawordon the SDAT pin(from MSB toLSB).
11
PFO
Digital Output (open drain). This is the output of the internal threshold detector.
When PFI is less than the internal reference, PFO is driven low.
12
PFI
Analog Input. This is the positive input to an internal comparator used as a threshold
detector. The negative input is tied to an internal reference.
13
A1
Digital Input. Controls analog multiplexer in conjunction with A0 to select one of the four
Input channels. This address is latched at the falling edge of the SCLK, which starts an
A/D conversion. A1, A0 = 00 = Input 1; 01 = Input 2; 10 = Input 3; 11 = Input 4.
14
A0
Digital Input. Controls analog multiplexer in conjunction with A1 to select one of four
Input channels. This address is latched at the falling edge of the SCLK, which starts an
A/D conversion. A1, A0 = 00 = Input 1; 01 = Input 2; 10 = Input 3; 11 = Input 4.
15
SCLK
Digital Input. This is the microPort™ serial clock input. The TC3404 comes out of Sleep
mode and a conversion cycle begins when this pin is driven low. After the conversion
starts, each additional falling edge (up to six) detected on SCLK for t4 seconds reduces
the A/D resolution by one bit. When the conversion is complete, the data word can be
shifted out on the SDAT pin by clocking the SCLK pin.
16
VDD
Power Supply Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com