Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC623 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC623
Description  3V, Dual Trip Point Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC623 Datasheet(HTML) 5 Page - Microchip Technology

  TC623 Datasheet HTML 1Page - Microchip Technology TC623 Datasheet HTML 2Page - Microchip Technology TC623 Datasheet HTML 3Page - Microchip Technology TC623 Datasheet HTML 4Page - Microchip Technology TC623 Datasheet HTML 5Page - Microchip Technology TC623 Datasheet HTML 6Page - Microchip Technology TC623 Datasheet HTML 7Page - Microchip Technology TC623 Datasheet HTML 8Page - Microchip Technology TC623 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21441B-page 5
TC623
4.0
TYPICAL APPLICATIONS
4.1
Mounting
If the TC623 is used to measure the temperature of
another device, it is important that the top surface of the
TC623 package be in intimate contact with the
measured device. Good thermal conductivity and no air
space is critical to accurate temperature measurement
in applications of this type.
4.2
Trip Point Programming
The resistance values required for the HIGH SET and
LOW SET inputs are calculated using the formula
below:
For example, to program a trip point of 50°C, the pro-
gramming resistor is:
RTRIP = 0.5997 x T
2.1312
Where;
RTRIP = Programming resistor value in Ohms
T = Desired trip temperature in degrees Kelvin.
RTRIP = 0.5997 x (50 + 273.15)
2.1312) = 133.65kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com