Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC623 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC623
Description  3V, Dual Trip Point Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC623 Datasheet(HTML) 2 Page - Microchip Technology

  TC623 Datasheet HTML 1Page - Microchip Technology TC623 Datasheet HTML 2Page - Microchip Technology TC623 Datasheet HTML 3Page - Microchip Technology TC623 Datasheet HTML 4Page - Microchip Technology TC623 Datasheet HTML 5Page - Microchip Technology TC623 Datasheet HTML 6Page - Microchip Technology TC623 Datasheet HTML 7Page - Microchip Technology TC623 Datasheet HTML 8Page - Microchip Technology TC623 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC623
DS21441B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ......................................................5.5V
Input Voltage Any Input .. (GND – 0.3V) to (VDD +0.3V)
Package Power Dissipation (TA ≤ 70°C)
Plastic DIP .............................................730mW
SOIC......................................................470mW
Derating Factors
Plastic DIP ............................................8mW/°C
SOIC .....................................................6mW/°C
Operating Temperature
V Version ................................. -40°C to +125°C
E Version ................................... -40°C to +85°C
C Version ...................................... 0°C to +70°C
Storage Temperature.......................... -65°C to +150°C
*Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
TC623 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Over Operating Temperature Range, VDD = 2.7V to 4.5V, unless otherwise specified.
Symbol
Parameter
Min
Typ.
Max
Unit
Test Conditions
VDD
Supply Voltage Range
2.7
4.5
V
IDD
Supply Current
150
250
µA2.7V ≤ V
DD ≤ 4.5V
TSET
Absolute Accuracy
T - 3
T ±1
T + 3
°C
T = Programmed Temperature
VOH
Output Voltage High
0.9 x VDD
0.8 x VDD
V
V
IOH =250µA
IOH =500µA
VOL
Output Voltage Low
0.1 x VDD
0.2 x VDD
V
V
IOL =500 µA
IOL =1mA
HYS
Hysteresis
-2
°C
Falling Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com