Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC649 Datasheet(PDF) 25 Page - Microchip Technology

Part # TC649
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649 Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC649 Datasheet HTML 20Page - Microchip Technology TC649 Datasheet HTML 21Page - Microchip Technology TC649 Datasheet HTML 22Page - Microchip Technology TC649 Datasheet HTML 23Page - Microchip Technology TC649 Datasheet HTML 24Page - Microchip Technology TC649 Datasheet HTML 25Page - Microchip Technology TC649 Datasheet HTML 26Page - Microchip Technology TC649 Datasheet HTML 27Page - Microchip Technology TC649 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2002 Microchip Technology Inc.
DS21449C-page25
TC649
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
TC649:
PWM Fan Speed Controller w/Auto Shutdown
and Fault Detection
Temperature Range:
V
= 0
°C to +85°C
E= -40
°C to +85°C
Package:
PA = Plastic DIP (300 mil Body), 8-lead *
OA = Plastic SOIC, (150 mil Body), 8-lead
UA = Plastic Micro Small Outline (MSOP), 8-lead
* PDIP package is only offered in the V temp range.
Examples:
a)
TC649VOA: PWM Fan Speed Controller w/
Auto-Shutdown and Fault Detection, SOIC
package.
b)
TC649VUA: PWM Fan Speed Controller w/
Auto-Shutdown and Fault Detection, MSOP
package
c)
TC649VPA: PWM Fan Speed Controller w/
Auto-Shutdown and Fault Detection, PDIP
package.
d)
TC649EOATR: PWM Fan Speed Controller w/
Auto-Shutdown and Fault Detection, SOIC
package, Tape and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com