Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC649 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC649
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC649 Datasheet HTML 8Page - Microchip Technology TC649 Datasheet HTML 9Page - Microchip Technology TC649 Datasheet HTML 10Page - Microchip Technology TC649 Datasheet HTML 11Page - Microchip Technology TC649 Datasheet HTML 12Page - Microchip Technology TC649 Datasheet HTML 13Page - Microchip Technology TC649 Datasheet HTML 14Page - Microchip Technology TC649 Datasheet HTML 15Page - Microchip Technology TC649 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TC649
DS21449C-page 12
 2002 Microchip Technology Inc.
FIGURE 5-4:
SENSE Network.
FIGURE 5-5:
SENSE Waveforms.
Table 5-1 lists the recommended values of RSENSE
based on the nominal operating current of the fan. Note
that the current draw specified by the fan manufacturer
may be a worst-case rating for near-stall conditions and
may not be the fan’s nominal operating current. The
values in Table 5-1 refer to actual average operating
current. If the fan current falls between two of the val-
ues listed, use the higher resistor value. The end result
of employing Table 5-1 is that the signal developed
across the sense resistor is approximately 450 mV in
amplitude.
TABLE 5-1:
RSENSE VS. FAN CURRENT
5.5
Output Drive Transistor Selection
The TC649 is designed to drive an external transistor
or MOSFET for modulating power to the fan. This is
shown as Q1 in Figures 5-1, 5-4, 5-6, 5-7, 5-8 and 5-9.
The VOUT pin has a minimum source current of 5 mA
and a minimum sink current of 1 mA. Bipolar transistors
or MOSFETs may be used as the power switching
element as shown in Figure 5-6. When high current
gain is needed to drive larger fans, two transistors may
be used in a Darlington configuration. These circuit
topologies are shown in Figure 5-6: (a) shows a single
NPN transistor used as the switching element; (b)
illustrates the Darlington pair; and (c) shows an N-
channel MOSFET.
One major advantage of the TC649’s PWM control
scheme versus linear speed control is that the power
dissipation in the pass element is kept very low. Gener-
ally, low cost devices in very small packages, such as
TO-92 or SOT, can be used effectively. For fans with
nominal operating currents of no more than 200 mA, a
single transistor usually suffices. Above 200 mA, the
Darlington or MOSFET solution is recommended. For
the fan sensing function to work correctly, it is
imperative that the pass transistor be fully saturated
when “on”.
Q1
GND
VDD
RSENSE
SENSE
RBASE
CSENSE
(0.1 µF Typ.)
VOUT
Fan
1
Ch1
100mV
Tek Run: 10.0kS/s Sample
Ch2
100mV
M5.00ms
Ch1
142mV
GND
[
T
]
T
Waveform @ Sense Resistor
90mV
50mV
GND
Waveform @ Sense Pin
2
Nominal Fan Current (mA)
RSENSE (Ω)
50
9.1
100
4.7
150
3.0
200
2.4
250
2.0
300
1.8
350
1.5
400
1.3
450
1.2
500
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com