Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC820 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 4 Page - Microchip Technology

  TC820 Datasheet HTML 1Page - Microchip Technology TC820 Datasheet HTML 2Page - Microchip Technology TC820 Datasheet HTML 3Page - Microchip Technology TC820 Datasheet HTML 4Page - Microchip Technology TC820 Datasheet HTML 5Page - Microchip Technology TC820 Datasheet HTML 6Page - Microchip Technology TC820 Datasheet HTML 7Page - Microchip Technology TC820 Datasheet HTML 8Page - Microchip Technology TC820 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC820
DS21476B-page 4
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VDD to GND) ................................15V
Analog Input Voltage:
(Either Input) (Note 1) ............................ VDD to VSS
Reference Input Voltage (Either Input) ....... VDD to VSS
Digital Inputs........................................... VDD to DGND
VDISP ....................................... VDD to (DGND – 0.3V)
Package Power Dissipation (TA –70°C) (Note 2):
40-Pin Plastic DIP ......................................... 1.23W
44-Pin PLCC ..................................................1.23W
44-Pin Plastic Flat Package (PQFP) ..............1.00W
Operating Temperature Range:
"C" Devices ......................................... 0°C to +70°C
"E" Devices.......................................-40°C to +85°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC820 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VS =9V, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Zero Input Reading
-000
±000
+000
Digital
Reading
VIN =0V
Full Scale = 400mV
RE
Rollover Error
-1
±0.2
+1
Counts
VIN = ±390mV
Full Scale = 400mV
NL
Nonlinearity
(Maximum Deviation From Best
Straight Line Fit)
-1
±0.2
+1
Count
Full Scale = 400mV
Ratiometric Reading
1999
1999/2000
2000
VIN =VREF,TC820
CMRR
Common Mode Rejection Ratio
50
µV/V
VCM =±1V, VIN =0V
Full Scale = 400mV
(VFS =200mV)
VCMR
Common Mode Voltage Range
VSS +1.5
VDD – 1
Input High, Input Low
eN
Noise (P-P Value Not
Exceeded 95% of Time)
—15
µVV
IN =0V
Full Scale = 400mV
IIN
Input Leakage Current
VIN =0V
—1
10
pA
TA =25°C
—20
pA
0°C
≤ T
A ≤ +70°C
—100
pA
-40°C
≤ TA ≤ +85°C
VCOM
Analog Common Voltage
3.15
3.3
3.45
V
25k
Ω between Common and
VDD (VSS -VCOM)
VCTC
Common Voltage Temperature
Coefficient
——
25k
Ω Between Common and
VDD
—35
50
ppm/°C
0°C
≤ T
A ≤ +70°C
—50
-40°C
≤ TA ≤ +85°C
Note
1:
Input voltages may exceed the supply voltages provided that input current is limited to ±100
µA. Current above this value
may result in invalid display readings, but will not destroy the device if limited to ±1mA.
2:
Dissipation ratings assume device is mounted with all leads soldered to printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com