Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC820 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 5 Page - Microchip Technology

  TC820 Datasheet HTML 1Page - Microchip Technology TC820 Datasheet HTML 2Page - Microchip Technology TC820 Datasheet HTML 3Page - Microchip Technology TC820 Datasheet HTML 4Page - Microchip Technology TC820 Datasheet HTML 5Page - Microchip Technology TC820 Datasheet HTML 6Page - Microchip Technology TC820 Datasheet HTML 7Page - Microchip Technology TC820 Datasheet HTML 8Page - Microchip Technology TC820 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21476B-page 5
TC820
TCZS
Zero Reading Drift
VIN =0V
—0.2
——
0°C
≤ TA ≤ +70°C
—1
-40°C
≤ T
A ≤ +85°C
TCFS
Scale Factor Temperature
Coefficient
——
VIN =399mV
—1
5
ppm/°C
0°C
≤ TA ≤ +70°C
5
ppm/°C
-40°C
≤ TA ≤ +85°C
Ext Ref = 0ppm/°C
IS
Supply Current
1
1.5
mA
VIN =0V
Peak-to-Peak Backplane
Drive Voltage
4.25
4.7
5.3
V
VS =9V
VDISP =DGND
Buzzer Frequency
5
kHz
FOSC =40kHz
Counter TIme-Base Period
1
Second
FOSC =40kHz
Low Battery Flag Voltage
6.7
7
7.3
V
VDD to VSS
VIL
Input Low Voltage
DGND + 1.5
V
VIH
Input High Voltage
VDD –1.5
V
VOL
Output Low Voltage,
UR, OR Outputs
VDD –1.5
DGND + 0.4
V
IL =50µA
Control Pin Pull-down Current
5
µAV
IN =VDD
TC820 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VS =9V, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Note
1:
Input voltages may exceed the supply voltages provided that input current is limited to ±100
µA. Current above this value
may result in invalid display readings, but will not destroy the device if limited to ±1mA.
2:
Dissipation ratings assume device is mounted with all leads soldered to printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com