Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

770-001 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 770-001
Description  Shrink Boot
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

770-001 Datasheet(HTML) 1 Page - Glenair, Inc.

  770-001 Datasheet HTML 1Page - Glenair, Inc. 770-001 Datasheet HTML 2Page - Glenair, Inc. 770-001 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
H-5
H
770-001
Shrink Boot
Heat Shrink Molded Part
APPLICATION NOTES
1. Material: Fluid resistant elastomer - Glenair Material Type 1.
2. When the minimum number of conductors are used, wire bundle/cable may require build-up to B2 max.
3. Sizes 00 to 02 do not contain eyelet.
TABLE I: STRAIGHT BOOT DIMENSIONS, BOOT AND SHELL SIZE
Boot
Size
Shell
Size
Ae Dia
Min
Ce Dia
Min
Ar Dia
Max
at
±30%
Cr Dia
Max
ct
±20%
CO
Ref
PO
±10%
P1
±10%
RO
Ref
00
5
.354 (9.0)
.354 (9.0)
.217 (5.5) .039 (1.0) .079 (2.0)
.028 (0.7)
.295 (7.5) .984 (25.0)
N/A
.551 (14.0)
01
5, 6
.472 (12.0) .472 (12.0) .276 (7.0) .043 (1.1) .118 (3.0)
.028 (0.7)
.295 (7.5) .984 (25.0)
N/A
.551 (14.0)
02
6, 7
.669 (17.0) .669 (17.0) .276 (7.0) .051 (1.3) .138 (3.5)
.028 (0.7) .395 (10.0) 1.181 (30.0)
N/A
.728 (18.5)
03
8, 10
.945 (24.0) .945 (24.0) .413 (10.5) .063 (1.6) .197 (5.5)
.035 (0.9) .395 (10.0) 1.496 (38.0) 1.024 (26.0) .748 (19.0)
04
11-16
1.181 (30.0) 1.181 (30.0) .551 (14.0) .071 (1.8) .236 (6.0)
.039 (1.0) .630 (16.0) 2.165 (55.0) 1.693 (43.0) 1.181 (30.0)
05
16-17
1.260 (32.0) 1.260 (32.0) .709 (18.0) .071 (1.8) .276 (7.0)
.047 (1.2) .748 (19.0) 2.638 (67.0) 1.850 (47.0) 1.299 (33.0)
06
17-21
1.417 (36.0) 1.417 (36.0) .886 (22.0) .079 (2.0) .335 (8.5)
.047 (1.2) .787 (20.0) 3.150 (80.0) 2.362 (60.0) 1.575 (40.0)
07
21-23
1.693 (43.0) 1.693 (43.0) 1.102 (28.0) .087 (2.2) .394 (10.0) .051 (1.3) 1.142 (29.0) 3.898 (99.0) 3.150 (80.0) 2.165 (55.0)
08
25
2.362 (60.0) 2.362 (60.0) 1.378 (35.0) .130 (3.3) .591 (15.0) .063 (1.6) 1.575 (40.0) 5.118 (130.0) 4.331 (110.0) 1.969 (50.0)
Basic Part Number
001 - Lipped Boot with Eyelet
002 - Short Lipped Boot with Eyelet
003 - Lipped Boot
004 - Short Lipped Boot
005 - Non-Lipped Boot
Product Series
Part Size
(See Table I)
770 - 001
A 1 00 W1
Angular
Function
A - 90°
B - 45°
S - Straight
Material
1 - 150°C Compound 2025 Elastomeric
Oil Resistant and Flame Retardant
2 - Low Smoke Hazard Material
3 - Flexible Polyolefin
Adhesive Lined
W1 - Zero Halogen
W2 - 80°C Hot Melt
R - 150°C Epoxy Pre-Coat
(Omit for No Adhesive)
Ø.079 (2.0) Ref
(See Note 3)
Ct
Ct
Recovered (-001)
Recovered (-002)
As Supplied
As Supplied
Ce
Ae
Ce
Ae
P0
R0
Cr
C0
Ar
At
Cr
C0
P1
Ar
At
S - Straight
Shrink Boot


Similar Part No. - 770-001

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
770-001S103 GLENAIR-770-001S103 Datasheet
187Kb / 1P
Environmental Shrink Boots
770-001S104 GLENAIR-770-001S104 Datasheet
187Kb / 1P
Environmental Shrink Boots
770-001S105 GLENAIR-770-001S105 Datasheet
187Kb / 1P
Environmental Shrink Boots
770-001S106 GLENAIR-770-001S106 Datasheet
187Kb / 1P
Environmental Shrink Boots
770-001S107 GLENAIR-770-001S107 Datasheet
187Kb / 1P
Environmental Shrink Boots
More results

Similar Description - 770-001

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712S269XM GLENAIR-712S269XM Datasheet
261Kb / 1P
Composite Shrink Boot Conduit Fitting
M83723-27M-08 GLENAIR-M83723-27M-08 Datasheet
72Kb / 1P
Shrink Boot Adapters
M85049-49-59A12 GLENAIR-M85049-49-59A12 Datasheet
72Kb / 1P
Shrink Boot Adapter
M85049-60-1A03 GLENAIR-M85049-60-1A03 Datasheet
74Kb / 1P
Shrink Boot Adapters
M85049-60-2G03A GLENAIR-M85049-60-2G03A Datasheet
72Kb / 1P
Shrink Boot Adapters
M85049-62-08AD GLENAIR-M85049-62-08AD Datasheet
73Kb / 1P
Shrink Boot Adapters
M85049-69-9AD GLENAIR-M85049-69-9AD Datasheet
73Kb / 1P
Shrink Boot Adapters
logo
Amphenol Corporation
M85049-62-10W AMPHENOL-M85049-62-10W Datasheet
924Kb / 8P
SHRINK BOOT ADAPTOR
logo
Glenair, Inc.
770-031 GLENAIR-770-031 Datasheet
208Kb / 1P
Right Angle Heat Shrink Boot
logo
List of Unclassifed Man...
F19K ETC2-F19K Datasheet
632Kb / 4P
SCHIRMADAPTER Shielded Shrink Boot Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com