Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

770-001 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 770-001
Description  Shrink Boot
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

770-001 Datasheet(HTML) 2 Page - Glenair, Inc.

  770-001 Datasheet HTML 1Page - Glenair, Inc. 770-001 Datasheet HTML 2Page - Glenair, Inc. 770-001 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
H-6
H
770-001
90° Shrink Boot
Heat Shrink Molded Part
Ø.079 (2.0) Ref
R
At
Ar
P
C0
Ct
Cr
As Supplied
Ce
Ae
Size 03 To 08
Recovered
TABLE I: 90° BOOT DIMENSIONS, BOOT AND SHELL SIZE
Boot
Size
Shell
Size
Ae Dia
Min
Ce Dia
Min
Ar Dia
Max
at
±30%
Cr Dia
Max
ct
±20%
CO
Ref
P
±20%
R
Ref
03
9
.945 (24.0) .945 (24.0) .394 (10.0) .063 (1.6) .197 (5.0)
.035 (0.9) .394 (10.0) .984 (25.0) .984 (25.0)
04
11-15
1.181 (30.0) 1.181 (30.0) .532 (13.5) .071 (1.8) .217 (5.5)
.039 (1.0) .472 (12.0) 1.260 (32.0) 1.063 (27.0)
05
13-17
1.260 (32.0) 1.260 (32.0) .709 (18.0) .071 (1.8) .276 (7.0)
.047 (1.2) .591 (15.0) 1.535 (39.0) 1.260 (32.0)
06
17-21
1.417 (36.0) 1.417 (36.0) .886 (22.0) .079 (2.0) .335 (8.5)
.047 (1.2) .630 (16.0) 1.929 (49.0) 1.496 (38.0)
07
21-23
1.693 (43.0) 1.693 (43.0) 1.102 (28.0) .087 (2.2) .394 (10.0) .059 (1.5) .709 (18.0) 2.165 (55.0) 1.850 (47.0)
08
23-25
2.165 (55.0) 2.165 (55.0) 1.378 (35.0) .130 (3.3) .591 (15.0) .079 (2.0) 1.260 (32.0) 3.150 (80.0) 2.165 (55.0)
A - 90°
Shrink Boot



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com