Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP173 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AXP173
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP173 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AXP173 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP173 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 5/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP173
3.典型应用(Typical Application)
IRQ/N_CHGEN
PWRON
PWROK
TS
BAT
APS
VIN2
GND
GND
C14
HOST
AGND
AGND
10uF
1nF
10uF
4.7uH
2.2uH
Reset
Power On/Off
GND
GND
1uF
4.7uF
C13
10uF
C16
4.7uF
LDO1
LDO2
LX2
DCDC2
LX1
DCDC1
EXTEN
1uF
DCDC2
DCDC1
VIN1
LDO2
LDO1
EXTEN
GND
IPSOUT
10K 1%
470ohm
CHGLED
IPSOUT
VREF
0.22uF
GND
GND
IPSOUT
GND
10uF
IPSOUT
C3
GND
0.22uF
IPSOUT
VBUS
Adapter
NMI
SCK
SCK
SDA
SDA/N_HOLDEN
RESET
DRVVBUS
C9
1uF
10uF
1nF
IPSOUT
LDO4
VBUS
IPSOUT
BAT
ACIN
PGND2
PGND1
LDO3
4.7uF
0R
2.2k
2.2k
51k
VCCIO
C21
C19
C20
C22
C2
C1
GND
GND
LDO3
BIAS
VINT
AGND
200K 1%
C6
1uF
N_VBUSEN
GND
LDO4
IPSOUT
10uF
VCCIO
10k
LDOIN
C18
10uF
1 Ohm
4.7uF
C8
C11
C12
C15
C17
0 Ohm
GND
GND
GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
32
27
30
31
28
29
EP
33
GND
C6
2.2ohm
4.7uF
C4
2.2ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com